Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-7318-R10 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-7318-R10
Description  HIGH CURRENT SHIELDED INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-7318-R10 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-7318-R10 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
HIGH CURRENT SHIELDED INDUCTOR
HIGH CURRENT SHIELDED INDUCTOR
HIGH CURRENT SHIELDED INDUCTOR
ASPI-7318
|||||||||||||||
7.3 x 6.8 x 1.8mm
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
OUTLINE DRAWING:
REMARKS:
FEATURES & APPLICATIONS:
• 100% lead (Pb) free.
• Lowest DCR/uH, in this package size.
• Frequency range up to 5.0MHZ.
• Handles high transient current spikes without saturation
• Ultra low buzz noise, due to composite construction.
• Power supply for VTR
• OA equipment
• LCD television set
• Notebook PC
• Portable communication
• Equipments
• DC/DC converters, etc.
LDCR
HEAT RATING
SATURATION
(µH)
(mΩ)
CURRENT
CURRENT DC
±20%
Max
DC AMPS
AMPS4 TYPICAL
TYPICAL
ASPI-7318- R10
0.10
3.5
18
40
ASPI-7318- R15
0.15
5.2
15
38
ASPI-7318- R22
0.22
5.7
14
26
ASPI-7318- R33
0.33
7.0
12
18
ASPI-7318- R47
0.47
9.3
11
18
ASPI-7318- R68
0.68
13.9
9
17
ASPI-7318- R82
0.82
15.9
8
17
ASPI-7318- 1R0
1.0
18.3
7
14
ASPI-7318- 1R5
1.5
34.0
4
11.5
ASPI-7318- 2R2
2.2
46.0
3.75
13
ASPI-7318- 2R5
2.5
52.4
3.5
10.4
ASPI-7318- 3R3
3.3
60.1
3.25
10
ASPI-7318- 4R7
4.7
78.0
3
8
Part Number
• Inductance tested at 200KHz, 0.25VRMS
• Operating Temperature Range -55°C to +125°C
• DC current (A) that will cause an approximate
∆T of 40°C
• DC current (A) that will cause Lo to drop approximately 20%.
• The part temperature (ambient + temp rise) should not
exceed 125°C under worst case operating conditions.
Circuit design, component placement, PWB trace size and
thickness, airflow and other cooling provisions all affect the
part temperature. Part temperature should be verified in
the end application.
Note: All specifications subject to change without notice.
• Label packing box and reel: RoHS Compliance
inductance value, in µH


Similar Part No. - ASPI-7318-R10

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-7318-R10 ABRACON-ASPI-7318-R10 Datasheet
2Mb / 3P
HIGH CURRENT SHIELDED POWER INDUCTOR
10.11.12
More results

Similar Description - ASPI-7318-R10

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-6P-XXX ABRACON-ASPI-6P-XXX Datasheet
180Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-1367-XXX ABRACON-ASPI-1367-XXX Datasheet
79Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-4118-XXX ABRACON-ASPI-4118-XXX Datasheet
70Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-4122 ABRACON-ASPI-4122 Datasheet
73Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-5123-XXX ABRACON-ASPI-5123-XXX Datasheet
73Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
logo
Accetek Electronics (Sh...
1MT ACCETEK-1MT Datasheet
306Kb / 8P
High Current Shielded Power Inductor
logo
Abracon Corporation
ASPI7318 ABRACON-ASPI7318 Datasheet
2Mb / 3P
HIGH CURRENT SHIELDED POWER INDUCTOR
10.11.12
logo
Central Technologies
CTHFW2014F CT-CTHFW2014F Datasheet
512Kb / 2P
SMD High Current Power Inductor - Shielded
CTQFW4228F CT-CTQFW4228F Datasheet
388Kb / 2P
High Current Power Inductor-Shielded
REV 08.14.19
CTVFW2724F CT-CTVFW2724F Datasheet
435Kb / 2P
High Current Power Inductor-Shielded
REV 08.14.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com