Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASSH Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASSH
Description  5.0VDC or 3.3VDC 8 PINDIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASSH Datasheet(HTML) 1 Page - Abracon Corporation

  ASSH Datasheet HTML 1Page - Abracon Corporation ASSH Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
APPLICATIONS:
ADDITIONAL BENEFITS:
• Medical
• Reduce emissions up to 20 dB.
• Printers
• Systemic approach to EMI.
• Scanners
• Highly cost effective compared to other methods.
• Modems
• Eliminate need for individual node suppression.
• Telecommunications
• Eliminate need for expensive shielding.
• Aerospace
• Reduce component count.
• Copier
• Reduce PCB layer count.
• Automotive
• Drop-in replacement for 8 pin DIP packages.
5.0VDC or 3.3VDC • 8 PINDIP • HCMOS/ TTL
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
ASSH
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@ abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard • All specifications and markings subject to change without notice
Rev. 2.4
05/2003
ABRACON
®
CORPORA TION
FEATURES:
• Integrated Spread Spectrum technology
• Standard TTL or HCMOS output.
• Meets jitter requirements for all major
CISC, RISC and DSP processors
• Frequency Range of 15 to 120 MHz @ 5.0 VDC.
• Frequency Range of 15 to 90 MHz @ 3.3 VDC.
Frequency (MHz)
Pin Number
Function
1
NC
4
GND
5
OUTPUT
8
VDC
PIN CONFIGURATION:
MECHANICAL DIMENSIONS:
Dimensions: Inches (mm)
Table1
18


Similar Part No. - ASSH

ManufacturerPart #DatasheetDescription
logo
StarHope
ASS-ASB SPSEMI-ASS-ASB Datasheet
183Kb / 4P
Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 22 to 42 Volts 8000 Watt Peak Pulse Power
ASS-ASC SPSEMI-ASS-ASC Datasheet
167Kb / 4P
Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 3 to Volts 10000 Watt Peak Pulse Power
ASS-PKA SPSEMI-ASS-PKA Datasheet
156Kb / 4P
Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
ASS-PKL SPSEMI-ASS-PKL Datasheet
113Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
ASS-PKR SPSEMI-ASS-PKR Datasheet
112Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 6000 Watt Peak Pulse Power
More results

Similar Description - ASSH

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACSD ABRACON-ACSD Datasheet
190Kb / 3P
5.0VDC or 3.3VDC 8 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
29 Journey
ASSL1 ABRACON-ASSL1 Datasheet
166Kb / 3P
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
07.06.07
ASSO ABRACON-ASSO Datasheet
136Kb / 2P
5.0VDC or 3.3VDC 14 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
Rev. 2.4 05/2003
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
ASSL1 ABRACON-ASSL1_08 Datasheet
168Kb / 3P
TTL/CMOS SMD LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
1.04.08
ASSVP ABRACON-ASSVP Datasheet
879Kb / 3P
2.5V / 3.3Vdc PROGRAMMABLE SPREAD SPECTRUM LOW EMI CLOCK OSCILLATOR
09.17.08
ASV ABRACON-ASV_08 Datasheet
202Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
ASSFLP ABRACON-ASSFLP Datasheet
1Mb / 3P
2.5V / 3.3Vdc PROGRAMMABLE SPREAD SPECTRUM LOW EMI CLOCK OSCILLATOR
04.28.15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com