Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPR700 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # TPR700
Description  high power COMMON BASE bipolar transistor.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

TPR700 Datasheet(HTML) 1 Page - Advanced Power Technology

  TPR700 Datasheet HTML 1Page - Advanced Power Technology TPR700 Datasheet HTML 2Page - Advanced Power Technology TPR700 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained
herein. Visit our web site at www.advancedpower.com or contact our factory direct.
TPR 700
700 Watts, 50 Volts, Pulsed
Avionics 1030 – 1090 MHz
GENERAL DESCRIPTION
The TPR 700 is a high power COMMON BASE bipolar transistor. It is designed
for pulsed systems in the frequency band 1030-1090 MHz. The device has gold
thin-film metallization for proven highest MTTF. The transistor includes input
returns for fast rise time. Low thermal resistance package reduces junction
temperature, extends life.
CASE OUTLINE
55KT, Style 1
Common Base
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25
oC2
2050 Watts
Maximum Voltage and Current
BVces
Collector to Base Voltage
65 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
55 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 200
oC
Operating Junction Temperature
+ 200
oC
ELECTRICAL CHARACTERISTICS @ 25
OC
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
ηc
tr
VSWR
Power Out
Power Input
Power Gain
Collector Efficiency
Rise Time
Load Mismatch Tolerance
F = 1030 MHz
Vcc = 50 Volts
PW = 10
µsec
DF = 1%
F = 1030 MHz
700
6.7
35
150
70
30:1
Watts
Watts
dB
%
ns
BVebo
3
BVces
hFE
θjc2
Emitter to Base Breakdown
Collector to Emitter Breakdown
DC - Current Gain
Thermal Resistance
Ie = 50mA
Ic = 100mA
Ic = 1000mA, Vce = 5 V
3.5
65
10
0.08
Volts
Volts
oC/W
Note 1: At rated output power and pulse conditions
2: At rated pulse conditions
3: Cannot measure due to input return
Rev A. – Sept 2005


Similar Part No. - TPR700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPR700 ETC1-TPR700 Datasheet
296Kb / 3P
700 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
More results

Similar Description - TPR700

ManufacturerPart #DatasheetDescription
logo
GHz Technology
JTDA50 GHZTECH-JTDA50 Datasheet
28Kb / 1P
High power COMMON BASE bipolar transistor.
JTDB25 GHZTECH-JTDB25 Datasheet
113Kb / 2P
High power COMMON BASE bipolar transistor.
JTDB75 GHZTECH-JTDB75 Datasheet
233Kb / 3P
High power COMMON BASE bipolar transistor.
logo
Microsemi Corporation
MDS500L MICROSEMI-MDS500L Datasheet
267Kb / 4P
high power COMMON BASE bipolar transistor
MS2473 MICROSEMI-MS2473 Datasheet
110Kb / 2P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TAN250A GHZTECH-TAN250A Datasheet
204Kb / 3P
high power COMMON BASE bipolar transistor.
logo
Advanced Power Technolo...
TAN350 ADPOW-TAN350 Datasheet
711Kb / 4P
high power COMMON BASE bipolar transistor.
TCS800 ADPOW-TCS800 Datasheet
282Kb / 4P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TPR175 GHZTECH-TPR175 Datasheet
276Kb / 3P
high power COMMON BASE bipolar transistor.
TPR400 GHZTECH-TPR400 Datasheet
274Kb / 3P
high power COMMON BASE bipolar transistor.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com