Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ACLP Datasheet(PDF) 11 Page - Microsemi Corporation

Part # TL431ACLP
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431ACLP Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button TL431ACLP Datasheet HTML 3Page - Microsemi Corporation TL431ACLP Datasheet HTML 4Page - Microsemi Corporation TL431ACLP Datasheet HTML 5Page - Microsemi Corporation TL431ACLP Datasheet HTML 6Page - Microsemi Corporation TL431ACLP Datasheet HTML 7Page - Microsemi Corporation TL431ACLP Datasheet HTML 8Page - Microsemi Corporation TL431ACLP Datasheet HTML 9Page - Microsemi Corporation TL431ACLP Datasheet HTML 10Page - Microsemi Corporation TL431ACLP Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TL431 / TL431A / TL431B
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 11
Copyright
© 1999
Rev. 1.4, 2006-09-26
Precision programmable References
TM
®
APPLICATION INFORMATION
I
K
R1 0.1%
R2 0.1%
V
REF
TL431/A
& TL431B
V
BATT
V
O
R (see Note)
REF
O
V
R2
R1
1
V
•
+
=
⎟
⎠
⎞
⎜
⎝
⎛
Figure 16 –
Shunt Regulator
Note: R should provide > 1mA cathode current to the TL431/A & TL1431 at
minimum VBATT
Input
VON 2V
VOFF VBATT
GND
VBATT
VO
TL431/A
& TL431B
Figure 17 –
Single-Supply Comparator with Temperature-
Compensated Threshold
R1
R2
V
BATT
V
O
TL431/A
& TL431B
REF
O
V
R2
R1
1
V
•
+
=
⎟
⎠
⎞
⎜
⎝
⎛
Figure 18 –
High Current Shunt Regulator
R1
R2
V
BATT
V
O
C
(see Note)
TL431/A
& TL431B
Figure 19 –
Crowbar Circuit
Note: Refer to the stability boundary conditions in Figure 15 to determine
allowable values for C.
R1A
R2A
12V
(Note)
R2B
R3 (see Note)
R4
TL431/A
& TL431B
REF
REF
V
R2B
R1B
1
Limit
High
V
R2B
R1B
1
Limit
Low
•
+
=
•
+
=
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
LED on when Low Limit < VBATT < High Limit
Figure 20 –
Voltage Monitor
Note: R3 and R4 are selected to provide the desired LED intensity and > 1mA
cathode current to the TL431/A & TL431B at the available V+
R
S
0.1%
V
BATT
I
O
TL431/A
& TL431B
Figure 21 –
Precision Contact – Current Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com