Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASSL1 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASSL1
Description  LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASSL1 Datasheet(HTML) 2 Page - Abracon Corporation

  ASSL1 Datasheet HTML 1Page - Abracon Corporation ASSL1 Datasheet HTML 2Page - Abracon Corporation ASSL1 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
|||||||||||||||
ASSL1 or ASSV1
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
BANDWIDTH ORDERING CODE: SPREAD SPECTRUM BANDWIDTH SELECTION TABLE
C1
C3
± 1.4
± 0.6
± 1.3
± 0.5
± 1.2
± 0.5
± 1.1
± 0.4
± 1.4
± 0.6
± 1.3
± 0.5
± 1.2
± 0.5
± 1.1
± 0.4
± 1.4
± 0.6
± 1.3
± 0.5
± 1.2
± 0.5
± 1.1
± 0.4
± 1.4
± 0.6
± 1.3
± 0.5
± 1.2
± 0.5
± 1.1
± 0.4
Downspread is available. Please contact us.
112 ~ 128
54.69 ~ 62.50
SELECTION CODE
80 ~ 96
39.06 ~ 46.88
96 ~ 112
46.88 ~ 54.69
56 ~ 64
54.69 ~ 62.50
64 ~ 80
31.25 ~ 39.06
40 ~ 48
39.06 ~ 46.88
48 ~ 56
46.88 ~ 54.69
28 ~ 32
54.69 ~ 62.50
32 ~ 40
31.25 ~ 39.06
20 ~ 24
39.06 ~ 46.88
24 ~ 28
46.88 ~ 54.69
14 ~ 16
54.69 ~ 62.50
16 ~ 20
31.25 ~ 39.06
10 ~ 12
39.06 ~ 46.88
12 ~ 14
46.88 ~ 54.69
FREQUENCY
MODULATION
CENTER SPREAD
(MHZ)
(%)
(kHz)
Frequency range
8 ~ 10
31.25 ~ 39.06
7.43 x 5.34 x 2.6mm
LOW EMI SPREAD SPECTRUM CRYSTAL
CLOCK OSCILLATORS
Operating Temperature (TOPR)
-40ºC to 85ºC
Supply Voltage (Vdd)
3.0VDC min. to 6.0VDC max.
Storage Temperature (TSTO)
-65ºC to 150ºC
Junction Temperature (TJUN)
+150ºC
Absolute Maximum Ratings
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.06.07
Visit www.abracon.com for Terms & Conditions of Sale



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com