Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASSM Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASSM
Description  LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASSM Datasheet(HTML) 2 Page - Abracon Corporation

  ASSM Datasheet HTML 1Page - Abracon Corporation ASSM Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FREQ.
(MHz)
(KHz)
Order
Options
C1
C2
C3
C4
D1
D2
D3
D4
4 - 5
± 1.4
± 1.2
± 0.6
± 0.5
-3.0
-2.2
-1.9
-0.7
31.25 - 39.06
5 - 6
± 1.3
± 1.1
± 0.5
± 0.4
-2.7
-1.9
-1.7
-0.6
39.06 - 46.88
6 - 7
± 1.2
± 0.9
± 0.5
± 0.4
-2.5
-1.8
-1.5
-0.6
46.88 - 54.69
7 - 8
± 1.1
± 0.9
± 0.4
± 0.3
-2.3
-1.7
-1.4
-0.5
54.69 - 62.50
8 - 10
± 1.4
± 1.2
± 0.6
± 0.5
-3.0
-2.2
-1.9
-0.7
31.25 - 39.06
10 - 12
± 1.3
± 1.1
± 0.5
± 0.4
-2.7
-1.9
-1.7
-0.6
39.06 - 46.88
12 - 14
± 1.2
± 0.9
± 0.5
± 0.4
-2.5
-1.8
-1.5
-0.6
46.88 - 54.69
14 - 16
± 1.1
± 0.9
± 0.4
± 0.3
-2.3
-1.7
-1.4
-0.5
54.69 - 62.50
16 - 20
± 1.4
± 1.2
± 0.6
± 0.5
-3.0
-2.2
-1.9
-0.7
31.25 - 39.06
20 - 24
± 1.3
± 1.1
± 0.5
± 0.4
-2.7
-1.9
-1.7
-0.6
39.06 - 46.88
24 - 28
± 1.2
± 0.9
± 0.5
± 0.4
-2.5
-1.8
-1.5
-0.6
46.88 - 54.69
28 - 32
± 1.1
± 0.9
± 0.4
± 0.3
-2.3
-1.7
-1.4
-0.5
54.69 - 62.50
32 - 40
± 1.4
± 1.2
± 0.6
± 0.5
-3.0
-2.2
-1.9
-0.7
31.25 - 39.06
40 - 48
± 1.3
± 1.1
± 0.5
± 0.4
-2.7
-1.9
-1.7
-0.6
39.06 - 46.88
48 - 56
± 1.2
± 0.9
± 0.5
± 0.4
-2.5
-1.8
-1.5
-0.6
46.88 - 54.69
56 - 64
± 1.1
± 0.9
± 0.4
± 0.3
-2.3
-1.7
-1.4
-0.5
54.69 - 62.50
64 - 80
± 1.4
± 1.2
± 0.6
± 0.5
-3.0
-2.2
-1.9
-0.7
31.25 - 39.06
80 - 96
± 1.3
± 1.1
± 0.5
± 0.4
-2.7
-1.9
-1.7
-0.6
39.06 - 46.88
96 - 112
± 1.2
± 0.9
± 0.5
± 0.4
-2.5
-1.8
-1.5
-0.6
46.88 - 54.69
112 - 128
± 1.1
± 0.9
± 0.4
± 0.3
-2.3
-1.7
-1.4
-0.5
54.69 - 62.50
CENTER SPREAD (%)
DOWN SPREAD (%)
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATOR
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATOR
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATOR
|||||||||||||||
ASSM/ASSML SERIES
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
FACTORY BANDWIDTH SELECTION:
Temperature options:
-
E for -20°C to +70°C
-
F for -30°C to +70°C
-
N for -30°C to +85°C
-
L for -40°C to +85°C
Operating Voltage:
- ASSML = 3.3 ± 5 % Vdc
- ASSM = 5.0 ± 5 % Vdc
ASSM(L) - Frequency - Temperature - Frequency Stability - Bandwidth - Packaging
Frequency stability option:
-
R for ± 25 ppm max.
-
K for ± 30 ppm max.
-
H for ± 35 ppm max.
-
C for ± 50 ppm max.
Bandwidth option:
-
CX = Center Spread
-
DX = Down Spread
(See table above for selection options)
Packaging option:
-
T for Tape and Reel
*RoHS COMPLIANT
* Example: ASSM-48.000-E-C-C1-T would be the part number for a 48.000MHz,
±1.2% certer spread with a ± 50 ppm center frequency accuracy.
14.27 x 10.7 x 5.3mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com