Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC Datasheet(PDF) 1 Page - Bi technologies

Part # BPC
Description  3W to 10W PLANAR HIGH POWER RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BPC Datasheet(HTML) 1 Page - Bi technologies

  BPC Datasheet HTML 1Page - Bi technologies BPC Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3W to 10W PLANAR HIGH POWER RESISTORS
Features…………………………………………………………
.
Non-Inductive planar package
High power density.
Thin package for high density PCB installation.
Power dissipated above the board.
RoHS compliant.
Applications………………………………………………
………
Power supply pre-load resistors.
UPS systems
Snubber and pulse handling circuits.
Pulse generator load resistors
.
In-rush current protection
Bleeder Resistors
Specification
Notes:
1.
Contact factory for custom products, non-standard values and tolerances.
Specifications subject to change without notice
Items
Specification
Conditions
Power Rating
3W, 5W, 7.5W & 10W
@ ambient temp < 70
°C
Operating Voltage Max
300Vac, 500VDC
Resistance Range
0.1
Ω to 200 KΩ
Extended resistance range available.
TCR
100 ppm/
°C
For -55 to +155
°C and above 1Ω.
Tolerance
10, optional +/-5% , 1%, 2%
Operation Temp. Range
-55 - +155
°C
Dielectric Withstanding Voltage
5000 Volts minimum
Mechanical Shock
∆R +/- 0.25 %
100G.
Vibration
∆R +/- 0.25 %
20G, 10 to 2KHz
Load Life
∆R +/- 2.0 %
70
°C, 90 min. ON, 30 min.OFF, 1000 hours.
Humidity
∆R +/- 0.5 %
85
°C, 85% RH, DC 0.1W, 1000 hours.
Temperature Cycle
∆R +/- 0.5%
-55
°C, 30 min.,+155°C 30min., 5cycles.
Soldering Heat (Max)
∆R +/- 0.25 %
260+/-5
°C, 10 seconds,
Solderability
Min 95% coverage
230+/-5
°C, 5 seconds.
Insulation Resistance
Over 1000 M
.
1
Dimensions (mm)
Inches
mm
Model
BPC3
BPC3
BPC3
BPC3
0.40
0.50
0.75
1.00
Dim A
10.16
12.70
19.05
25.54
0.20
0.20
0.50
0.80
Dim B
6.08
5.08
12.70
20.32
Materials
Lead:
Tin Plated Copper Alloy
Substrate:
96% Alumina
Resistor:
Thick Film


Similar Part No. - BPC

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BPC TTELEC-BPC Datasheet
274Kb / 2P
Non-Inductive planar package
BPC TTELEC-BPC Datasheet
285Kb / 2P
3W to 10W Planar High Power Resistors
06.18
logo
Coherent Corp
BPC-1030-35-2-01 COHERENT-BPC-1030-35-2-01 Datasheet
438Kb / 2P
DUAL-STAGE BBO POCKELS CELL
logo
BOSER Technology Co., L...
BPC-3610 BOSER-BPC-3610 Datasheet
1Mb / 26P
10.4??Small Size Panel PC with CF, TV-Out, AC/DC P/S
BPC-3610-C BOSER-BPC-3610-C Datasheet
1Mb / 26P
10.4??Small Size Panel PC with CF, TV-Out, AC/DC P/S
More results

Similar Description - BPC

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BPR BITECH-BPR Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
logo
Welwyn Components Limit...
4500 WELWYN-4500 Datasheet
130Kb / 2P
HIGH VOLTAGE PLANAR RESISTORS
LRF3W WELWYN-LRF3W Datasheet
306Kb / 3P
Low Value 3W Chip Resistors
logo
RCD COMPONENTS INC.
ML2010V-R100-FB RCD-ML2010V-R100-FB Datasheet
38Kb / 1P
LOW-OHM CHIP RESISTORS, 0.1W TO 3W
TP05-1R00-DBW RCD-TP05-1R00-DBW Datasheet
61Kb / 1P
HIGH POWER PLANAR RESISTORS, 5W to 100W
logo
Bi technologies
LRF3W-R05JW BITECH-LRF3W-R05JW Datasheet
139Kb / 3P
Low Value 3W Chip Resistors
logo
TT Electronics.
4500 TTELEC-4500_17 Datasheet
449Kb / 3P
High Voltage Planar Resistors
BPC TTELEC-BPC_17 Datasheet
283Kb / 2P
3W to 10W Planar High Power Resistors
BPR TTELEC-BPR_17 Datasheet
596Kb / 2P
3W to 50W Planar Shock
LRF3W TTELEC-LRF3W_17 Datasheet
538Kb / 3P
Low Value 3W Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com