Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASSO Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASSO
Description  5.0VDC or 3.3VDC 14 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASSO Datasheet(HTML) 2 Page - Abracon Corporation

  ASSO Datasheet HTML 1Page - Abracon Corporation ASSO Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Table 2
Table 3
Example: ASSO-048.0000-C-C4
Would be the part number for a 48.0000 MHz, ±5.0% center spread with a +/-50 ppm center frequency
accuracy.
5.0VDC or 3.3VDC • 14 PIN DIP • HCMOS/ TTL
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
ASSO
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@ abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard • All specifications and markings subject to change without notice
Rev. 2.4
05/2003
ABRACON
®
CORPORA TION
ASSO - FREQUENCY - FREQ. STABILITY - BANDWIDTH
Fo in MHz as; XXX.XXXX
-R for ±25 ppm max
-K for ±30 ppm max
-H for ±35 ppm max
-C for ±50 ppm max
-Cx = Center Spread
(See table 3 for options)
ORDERING OPTION
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
ASSO
Conditions
Operating Temperature
(Topr)
0
°C to +70°C
Storage Temperature
(Tsto)
- 65
°C to +150°C
Frequency Stability vs. Temp
(dF/Fo)
±100ppm max. (See Options)
Operating Supply Voltage (VDC)
3.3 VDC
5.0 VDC
+/-5 %
Frequency Range
(Fo)
15 – 90 MHz
15 – 120 MHz
Operating Input Current (IDD)
40 mA max
75 mA
F = 90 MHz
Duty Cycle
45/55
45/55
% max
Output Voltage
(VOH/VOL)
2.4 VDC min.
4.0 VDC min.
Rise Time
5.0 typ.
3.5 typ.
Load =15 pF, 10 – 90%
Fall Time
3.2 typ.
2.3 typ.
Load =15 pF, 10 – 90%
Start-up Time
10 ms max. 3 ms typ.
Aging
+/- 5ppm max. /year
Jitter
500 ps. max.
0
°C to +70°C
Output Load
10-LSTTL or 15 pF
Modulation Frequency (Fm)
20 – 40 kHz
15 – 120 MHz
FACTORY BANDWIDTH SELECTION OPTIONS:
BANDWIDTH %
Center Spread
± 0.625
C1
± 1.25
C2
± 2.50
C3
± 5.00
C4
STANDARD ELECTRICAL SPECIFICATIONS
FACTORY BANDWIDTH SELECTION (±10%)
Download Spread Spectrum Clocking application note on Abracon website at www.abracon.com/emi/ssc.
17



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com