Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPR Datasheet(PDF) 2 Page - Bi technologies

Part # BPR
Description  3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BPR Datasheet(HTML) 2 Page - Bi technologies

  BPR Datasheet HTML 1Page - Bi technologies BPR Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
BPR
10
500
F
Model
Power Rating Code
Tolerance
3 : 3W,
J = 5% Tol
5 : 5W
G = 2% Tol
7 : 7W
F = 1% Tol
10 : 10W
20 : 20W
30 : 30W
40 : 40W
50 : 50W
Resistance Code
50
Ω : 500 First two digits significant, last digit: number of trailing zeros
Derating Curve
% Power Rating
100
80
60
     
40
20
70
°C
+155
°C
0
BPR 3W to 50W PLANAR HIGH POWER RESISTORS
2
Resistor Temperature (
°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com