Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASSV Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASSV
Description  3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASSV Datasheet(HTML) 2 Page - Abracon Corporation

  ASSV Datasheet HTML 1Page - Abracon Corporation ASSV Datasheet HTML 2Page - Abracon Corporation ASSV Datasheet HTML 3Page - Abracon Corporation ASSV Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
|||||||||||||||
ASSV SERIES
7.0 x 5.0 x 1.8mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
Dimensions: inch (mm)
Dimensions: inch (mm)
1
2
3
4
Tri-state
Ground
Output
Vdd
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
OUTLINE DRAWING:
TAPE & REEL:
PIN
FUNCTION
Black
0°C to + 70°C
Blank
±100ppm
L
-40°C to + 85°C
R
±25ppm
D1
-1%
C
±50ppm
D3
-3%
C0.5
±0.5%
C1.5
±1.5%
ASSV - Frequency -
-
-
-
Down Spread
Center Spread
Standard
T
Tape & Reel
Operating
Temperature
Frequency
Stability
Spread Type
Packaging
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.11.07
Visit www.abracon.com for Terms & Conditions of Sale
Note: It is recommended
to use an approximately
0.01uF bypass capacitor
between PIN 2 and 4.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com