Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR Datasheet(PDF) 2 Page - Bi technologies

Part # BSR
Description  Thick Film 2512 Surge Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BSR Datasheet(HTML) 2 Page - Bi technologies

  BSR Datasheet HTML 1Page - Bi technologies BSR Datasheet HTML 2Page - Bi technologies BSR Datasheet HTML 3Page - Bi technologies BSR Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CONSTRUCTION
;;
;;
;;
;;
;;;;;
;;;;;
;;
;;
;;
;;
90/10 Tin-Lead
Solder Plating
Nickel Barrier
Thick Film Conductor
Substrate:
Alumina
Glass Passivation:
Glass Protective
Coating
Resistor:
Ruthenium Oxide
Model BSR Series
Short Time Overload, Max.
2.5 x rated voltage (
∆R ±1%+0.1 Ω)
Temperature Cycling
-55°C to +125°C, 5 cycles (
∆R ±5%+0.1 Ω)
Moisture Resistance
1,000 hours at 40°C, 95% RH (
∆R ±3%+0.1 Ω)
Load Life
1,000 hours at 70°C + Rated Voltage, Max. (
∆R ±3%+0.1 Ω)
Resistance to Solder Heat
260°C for 10 sec. (
∆R ±5%+0.1 Ω)
ENVIRONMENTAL
Surge Capability, Max.
1.2 / 50 µs, 250 V; 10 / 700 µs, 250 V (
∆R ±5%+0.1Ω)
Standard Resistance Range, Ohms
0.05 to 10000 Ohms
Standard Resistance Tolerances
±5%, ±10%, ±20% Optional : ±1%, ±2%
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient of Resistance, Max.
±100ppm/°C above 10 Ohms
Power Ratings, Watts, at 70°C (See Note )
1 and 2
Operating Voltage, Max.
100 V dc or
√PR whichever is less
ELECTRICAL
sophisticated laser trimming to prevent flash over. In
the event of a very high voltage pulse the resistor will
go open-circuit preventing damage to surrounding
components or the printed circuit board. Two units are
required for each incoming line to protect both tip and
ring individually and collectively. The resistor is made
from nonflammable material.
The BSR Series is manufactured in BI’s highly
automated production facility in Glenrothes, Scotland,
which also produces standard 2512 chip resistors and
a wide range of chip resistor networks, R/C networks
as well as gull wing 14 and 16 lead resistor networks,
all of which are used on the PABX line card and in
many other areas of electronics.
APPLICATIONS
Note : For 2 watts limit part temperature to +155° C
5-8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com