Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTC-03-R47 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASTC-03-R47
Description  SMT TOROID INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTC-03-R47 Datasheet(HTML) 1 Page - Abracon Corporation

  ASTC-03-R47 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT TOROID INDUCTOR
SMT TOROID INDUCTOR
SMT TOROID INDUCTOR
ASTC-03 SERIES
|||||||||||||||
STANDARD SPECIFICATIONS:
PHYSICAL CHARACTERISTICS:
TECHNICAL INFORMATION:
• T for Tape & Reel
RoHS compliance effective 0526,
label on reel and box
Dimension: inch
Part
L (µH)
Full load
DCR Max
DC Bias
Number
± 20%
Inductance
Parallel
Parallel
(µH) Min
(mΩ)(A)
ASTC-03-R47
0.40
0.26
5
5.50
ASTC-03-R68
0.63
0.41
6
4.50
ASTC-03-1
0.90
0.56
7
4.20
ASTC-03-2
2.03
1.00
11
4.10
ASTC-03-3
4.90
2.66
31
2.30
ASTC-03-4
8.10
4.08
40
2.00
ASTC-03-5
10.00
4.85
44
1.90
ASTC-03-6
14.40
8.47
80
1.10
ASTC-03-7
19.60
11.54
146
1.00
ASTC-03-8
25.60
16.35
167
0.74
ASTC-03-9
32.40
19.84
293
0.72
ASTC-03-10
50.63
29.34
366
0.64
ASTC-03-11
67.60
39.73
517
0.54
ASTC-03-12
99.23
58.72
785
0.44
ASTC-03-13
148.23
85.16
966
0.38
ASTC-03-14
202.50
107.60
1142
0.37
ASTC-03-15
302.50
191.38
1432
0.22
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


Similar Part No. - ASTC-03-R47

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTC-01 ABRACON-ASTC-01 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
ASTC-01-1 ABRACON-ASTC-01-1 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
ASTC-01-10 ABRACON-ASTC-01-10 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
ASTC-01-11 ABRACON-ASTC-01-11 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
ASTC-01-12 ABRACON-ASTC-01-12 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
More results

Similar Description - ASTC-03-R47

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTC-01 ABRACON-ASTC-01 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
ASTC-02 ABRACON-ASTC-02 Datasheet
146Kb / 1P
SMT TOROID INDUCTOR
ASTC-04 ABRACON-ASTC-04 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
logo
Rhombus Industries Inc.
L-696 RHOMBUS-IND-L-696 Datasheet
34Kb / 1P
Toroid Inductor
05/15/01
logo
XFMRS Inc.
XF0206-VM230 XFMRS-XF0206-VM230 Datasheet
36Kb / 1P
Toroid Inductor
2XF0025-VO XFMRS-2XF0025-VO_15 Datasheet
56Kb / 1P
TOROID INDUCTOR
2XF0250-VP XFMRS-2XF0250-VP_15 Datasheet
50Kb / 1P
TOROID INDUCTOR
2XF0500-VO XFMRS-2XF0500-VO_15 Datasheet
36Kb / 1P
TOROID INDUCTOR
XF2120-221K XFMRS-XF2120-221K Datasheet
39Kb / 1P
SMT HIGH CURRENT TOROID INDUCTOR
XF2120-390K XFMRS-XF2120-390K Datasheet
36Kb / 1P
SMT HIGH CURRENT TOROID INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com