Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML0805-R047K Datasheet(PDF) 1 Page - Bi technologies

Part # BML0805-R047K
Description  Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BML0805-R047K Datasheet(HTML) 1 Page - Bi technologies

  BML0805-R047K Datasheet HTML 1Page - Bi technologies BML0805-R047K Datasheet HTML 2Page - Bi technologies BML0805-R047K Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
82
BML0805-R047K
.035/0.9
0.047
20
50
320
0.20
300
4K
BML0805-R068K
.035/0.9
0.068
20
50
280
0.20
300
4K
BML0805-R082K
.035/0.9
0.082
20
50
275
0.20
300
4K
BML0805-R10K
.035/0.9
0.10
20
25
255
0.30
250
4K
BML0805-R12K
.035/0.9
0.12
20
25
250
0.30
250
4K
BML0805-R15K
.035/0.9
0.15
20
25
230
0.40
250
4K
BML0805-R18K
.035/0.9
0.18
20
25
210
0.40
250
4K
BML0805-R22K
.035/0.9
0.22
20
25
195
0.50
250
4K
BML0805-R27K
.035/0.9
0.27
20
25
170
0.50
250
4K
BML0805-R33K
.035/0.9
0.33
20
25
165
0.50
250
4K
0805 Specifications / Packaging
Dim. T
Test
DC
Rated
7” Reel
Part
Inch/mm
Inductance
Frequency
SRF
Resistance
Current
Qty
Number
Tol:
±.008/0.2
µH
Q Min.
MHz
MHz Min.
Ω Max.
IDC mA*
(Units)
0603 Specifications / Packaging
Dim. T
Test
DC
Rated
7” Reel
Part
Inch/mm
Inductance
Frequency
SRF
Resistance
Current
Qty
Number
Tol:
±.006/0.15
µH
Q Min.
MHz
MHz Min.
Ω Max.
IDC mA*
(Units)
BML0603-R047K
.031/0.8
0.047
10
50
260
0.25
50
4K
BML0603-R068K
.031/0.8
0.068
10
50
250
0.25
50
4K
BML0603-R082K
.031/0.8
0.082
10
50
245
0.25
50
4K
BML0603-R10K
.031/0.8
0.10
15
25
240
0.50
50
4K
BML0603-R12K
.031/0.8
0.12
15
25
235
0.50
50
4K
BML0603-R15K
.031/0.8
0.15
15
25
205
0.60
50
4K
BML0603-R18K
.031/0.8
0.18
15
25
190
0.60
50
4K
BML0603-R22K
.031/0.8
0.22
15
25
170
0.80
50
4K
BML0603-R27K
.031/0.8
0.27
15
25
155
0.80
50
4K
BML0603-R33K
.031/0.8
0.33
15
25
140
0.80
35
4K
BML0603-R39K
.031/0.8
0.39
15
25
125
1.00
35
4K
BML0603-R47K
.031/0.8
0.47
15
25
120
1.00
35
4K
BML0603-R56K
.031/0.8
0.56
15
25
110
1.55
35
4K
BML0603-R68K
.031/0.8
0.68
15
25
100
1.70
35
4K
BML0603-R82K
.031/0.8
0.82
15
25
95
2.10
35
4K
BML0603-1R0K
.031/0.8
1.0
35
10
85
0.60
25
4K
BML0603-1R2K
.031/0.8
1.2
35
10
70
0.80
25
4K
BML0603-1R5K
.031/0.8
1.5
35
10
65
0.80
25
4K
BML0603-1R8K
.031/0.8
1.8
35
10
60
0.80
25
4K
BML0603-2R2K
.031/0.8
2.2
35
10
55
1.00
15
4K
BML0603-2R7K
.031/0.8
2.7
35
10
50
1.20
15
4K
BML0603-3R3K
.031/0.8
3.3
35
10
45
1.40
15
4K
BML0603-3R9K
.031/0.8
3.9
40
10
42
1.60
15
4K
BML0603-4R7K
.031/0.8
4.7
40
10
40
1.80
15
4K
• Inductance Range
0.047µH to 33.0µH
• Standard Tolerance
±10%
• Operating Temperature Range
Standard:
-25°C to +85°C
Optional Extended Temperature Range:
-40°C to +125°C
• Ambient Temperature, Maximum
80°C
• Resistance to Solder Heat
260°C for 10 sec
• Resistance to Solvent
Per MIL-STD-202F

Electrical / Environmental
Surface Mount Multilayer Ferrite Chip Inductors,
0603 - 1206 Industry Sizes
RoHS
Compliant
for
‘LF’ Models


Similar Part No. - BML0805-R047K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML085L BALLUFF-BML085L Datasheet
118Kb / 2P
Magnetically Coded Sensors
BML086M BALLUFF-BML086M Datasheet
122Kb / 2P
Magnetically Coded Sensors
0.36_2021-08-25
BML08AH BALLUFF-BML08AH Datasheet
107Kb / 2P
Magnetically Coded Sensors
2024-08-27
BML08F0 BALLUFF-BML08F0 Datasheet
122Kb / 3P
Magnetically Coded Sensors
BML08F1 BALLUFF-BML08F1 Datasheet
122Kb / 3P
Magnetically Coded Sensors
More results

Similar Description - BML0805-R047K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMB0603-P1A-600 ETC1-BMB0603-P1A-600 Datasheet
218Kb / 1P
High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
BMB0402A-600 ETC1-BMB0402A-600 Datasheet
156Kb / 14P
Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
logo
Bi technologies
BMB1812A121ETLF BITECH-BMB1812A121ETLF Datasheet
248Kb / 2P
Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
BMB1812P1A121ETLF BITECH-BMB1812P1A121ETLF Datasheet
218Kb / 1P
High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
BMC BITECH-BMC Datasheet
245Kb / 3P
Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
logo
RFE international
II1608K47M RFE-II1608K47M Datasheet
56Kb / 1P
SURFACE MOUNT INDUCTORS II1608 Series: 0603 Multilayer
II3216K47N RFE-II3216K47N Datasheet
55Kb / 1P
SURFACE MOUNT INDUCTORS II3216 Series: 1206 Multilayer
logo
NIC-Components Corp.
NFI12K180TRF NIC-NFI12K180TRF Datasheet
147Kb / 5P
SURFACE MOUNT CASE SIZES (0603 ~ 1206)
logo
Ohmite Mfg. Co.
RES-FC4L OHMITE-RES-FC4L Datasheet
547Kb / 2P
Industry standard sizes
RES-LVK OHMITE-RES-LVK Datasheet
422Kb / 3P
Industry standard sizes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com