Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML0805-R068K Datasheet(PDF) 3 Page - Bi technologies

Part # BML0805-R068K
Description  Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BML0805-R068K Datasheet(HTML) 3 Page - Bi technologies

  BML0805-R068K Datasheet HTML 1Page - Bi technologies BML0805-R068K Datasheet HTML 2Page - Bi technologies BML0805-R068K Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
84
Ordering Information
Body Dimensions:
Length (A) x Width (B)
Model Series
Inductance Tolerance:
J = ±5%
K = ±10%
Inductance Code:
First 2 digits are significant.
Last digit denotes the number
of trailing zeros. For values
below 10µH, “R” denotes the
decimal point.
Optional Extended
Temperature Range:
-40°C to +125°C
BML1206-6R8K
.043/1.10
6.8
50
4
29
0.90
25
3K
BML1206-8R2K
.043/1.10
8.2
50
4
26
1.00
25
3K
BML1206-100K
.043/1.10
10.0
50
2
26
0.60
25
3K
BML1206-120K
.043/1.10
12.0
50
2
26
0.60
15
3K
BML1206-150K
.043/1.10
15.0
50
1
22
0.70
5
3K
BML1206-180K
.043/1.10
18.0
50
1
21
0.70
5
3K
BML1206-220K
.043/1.10
22.0
50
1
19
0.90
5
3K
BML1206-270K
.043/1.10
27.0
50
1
17
0.90
5
3K
BML1206-330K
.043/1.10
33.0
50
0.4
15
1.05
5
3K
1206 Specifications / Packaging
Dim. T
Test
DC
Rated
7”Reel
Part
Inch/mm
Inductance
Frequency
SRF
Resistance
Current
Qty
Number
Tol:
±.008/0.20
µH
Q Min.
MHz
MHz Min.
Ω Max.
IDC mA*
(Units)
*
Current Rating: The current at which a smaller change of inductance will occur due to either temperature increases or DC Current Superposition.
Outline Dimensions (Inches/mm)
Part #
A Dim.
B Dim.
C Dim.
BML 0603
.063±.006
.031±.006
.012±.008
(1608)
1.6±0.15
0.8±0.15
0.3±0.20
BML 0805
.079±.008
.049±.008
.02±.012
(2012)
2±0.20
1.25±0.20
0.5±0.30
BML 1206
.126±.008
.063±.008
.02±.012
(3216)
3.2±0.20
1.6±0.20
0.5±0.30
Refer to Specifications table for ‘T’ dimension of each model.
Lead-Free Option
LF = Lead - Free
(No code used for
non lead-free part)
BML 1206
1R0
K
ET
LF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com