Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASZT Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASZT
Description  HIGH FREQUENCY, WITH OR WITHOUT BUILT-IN CAPACITORS SURFACE MOUNT CERAMIC RESONATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASZT Datasheet(HTML) 2 Page - Abracon Corporation

  ASZT Datasheet HTML 1Page - Abracon Corporation ASZT Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HIGH FREQUENCY, WITH OR WITHOUT BUILT-IN CAPACITORS
SURFACE MOUNT CERAMIC RESONATORS
ASZT, ASCR, AWSZT, AWSCR
7.4 x 3.4 x 1.8 mm
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard • All specifications and markings subject to change without notice
ABRACON
®
CORPORATION
7434
4741
3731
7434
7441
3731
2520
2520
ASZT or AWSZT
ASCR or AWSCR
4.4
5.0
1.4 3x
5.1
3.90
4.1
3.0
3.0
3.0
1.4 3x
1.4 3x
1.4 3x
1.4 3x
2.5
4.4
2.5
1.4 3x
1.95
5.1
1.95
1.2 3x
1.5
4.1
1.5
1.0 3x
1.5
3.0
1.5
Pin Function
1
Input
2
GND
3
Output
Pin Function
1
Input
2
GND
Dimensions: mm
Dimensions: mm
Dimensions: mm
Dimensions: mm
Dimensions: mm
Dimensions: mm
Dimensions: mm
Dimensions: mm
1
2
1
2
1
2
1
2
1
3
2
1
3
2
1
3
2
1
3
2
1.8±0.3
1.8±0.3
35A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com