Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCRMTS Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASCRMTS
Description  HIGH FREQUENCY, WITH OR WITHOUT BUILT-IN CAPACITORS SURFACE MOUNT CERAMIC RESONATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASCRMTS Datasheet(HTML) 1 Page - Abracon Corporation

  ASCRMTS Datasheet HTML 1Page - Abracon Corporation ASCRMTS Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH FREQUENCY, WITH OR WITHOUT BUILT-IN CAPACITORS
SURFACE MOUNT CERAMIC RESONATORS
ASZT and ASCR
APPLICATIONS:
• Remote controls.
• Mobile phones, DVD, CD-Rom.
• Electric appliances.
• Microprocessor clocks.
FEATURES:
• Low resonant impedance.
• Low cost.
• Built-in load capacitance (ASCR)
• Excellent environmental resistance.
Reflow capable.
ASZT [ XX.XX]MXX -
Packaging
or ASCR
- T (Tape and reel)
ORDERING OPTIONS
ORDERING OPTIONS
Test Circuit: ASZT
Abracon P/N
Freq. range
Resonant Impedance
Frequency Frequency Aging in
Built-in
Package
(MHz)
Ω max.
tolerance
stability
10 years capacitance
Style
Test Circuit: ASCR
Frequency in MHz
G, T, S or X
C, S, or V
STANDARD SPECIFICATIONS
STANDARD SPECIFICATIONS
7434, 4741, 3731, 2520
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard • All specifications and markings subject to change without notice
ABRACON
®
CORPORATION
U1:
CD4069UB
74HCU04
Y1:
RESONATOR
C1 C2:
(Built-in)
U1:
CD4069UB
74HCU04 (>8MHz)
Y1:
RESONATOR
C1 C2:
30pF + 20%
:15pF ± 20%(20M ~ 25.99M)
10pF ± 20%(25M ~ 50M)
Vdd
1/6 U1
1/6 U1
1M
C1
C2
Y1
OUTPUT
Vdd
1/6 U1
1/6 U1
1M
C1
C2
Y1
OUTPUT
Please see package options and dimensions on next page
Operating temperature: -20oC to +80oC
Storage temperature:
-40oC to +85oC
We perform IC characterization to match your application.
Please call us for details.
Packaging: Option Tape and Reel (1,000 pcs.) see appendix H.
Marking, see appendix G. Application notes, see appendix A.
Environmental and mechanical specification, see appendix C. Group 5.
Recommended handling, see appendix F.
±0.5%
±0.3%
±0.3%
NA
7434
±0.5%
±0.3%
±0.3%
30pF
7434
±0.5%
±0.4%
±0.3%
NA
4741
±0.5%
±0.4%
±0.3%
30pF
4741
±0.5%
±0.4%
±0.3%
NA
3731
±0.5%
±0.4%
±0.3%
15pF
3731
±0.5%
±0.3%
±0.3%
NA
4741
±0.5%
±0.3%
±0.3%
±0.5%
±0.3%
±0.3%
NA
3731
±0.5%
±0.3%
±0.3%
10pF
3731
±0.5%
±0.3%
±0.3%
NA
2520
±0.5%
±0.3%
±0.3%
8pF
2520
ASZT [ ] MGC
2.0~7.99
100
Ω for 2.0 < F < 3.0 MHz
ASCR [ ] MGC
2.0~7.99
50
Ω for 3.0 < F < 3.5 MHz
30
Ω for 3.5 < F < 7.99 MHz
ASZT [ ] MTS
8.0~13.0
25
ASCR [ ] MTS
8.0~13.0
ASZT [ ] MTV
8.0~13.0
25
ASCR [ ] MTV
8.0~13.0
ASZT [ ] MXS
13.01~50.0
40
ASCR [ ] MXS
13.01~50.0
ASZT [ ] MXV
13.01~50.0
40
ASCR [ ] MXV
13.01~50.0
ASZT [ ] MSS
20.0~50.0
40
Ω For < 32MHZ
ASCR [ ] MSS
20.0~50.0
50
Ω For < 40MHZ
60
Ω For < 50MHZ
15pF(F up to 25.99MHz)
4741
10pF(25M ~ 50M)
35
Rev. B
01/2003


Similar Part No. - ASCRMTS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASCR ABRACON-ASCR Datasheet
376Kb / 2P
HIGH FREQUENCY MHZ SMD CERAMIC RESONATORS
07.05.07
ASCR-MGC ABRACON-ASCR-MGC Datasheet
376Kb / 2P
HIGH FREQUENCY MHZ SMD CERAMIC RESONATORS
07.05.07
ASCR-MSS ABRACON-ASCR-MSS Datasheet
376Kb / 2P
HIGH FREQUENCY MHZ SMD CERAMIC RESONATORS
07.05.07
ASCR-MTS ABRACON-ASCR-MTS Datasheet
376Kb / 2P
HIGH FREQUENCY MHZ SMD CERAMIC RESONATORS
07.05.07
ASCR-MTV ABRACON-ASCR-MTV Datasheet
376Kb / 2P
HIGH FREQUENCY MHZ SMD CERAMIC RESONATORS
07.05.07
More results

Similar Description - ASCRMTS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EFOS4004E5 PANASONIC-EFOS4004E5 Datasheet
562Kb / 3P
eramic Resonators, Chip Type (Built-In Capacitors Type)
logo
Abracon Corporation
ASCR ABRACON-ASCR Datasheet
376Kb / 2P
HIGH FREQUENCY MHZ SMD CERAMIC RESONATORS
07.05.07
AWSZTMGS-T ABRACON-AWSZTMGS-T Datasheet
390Kb / 3P
HIGH FREQUENCY, WITHOUT BUILT-IN CAPACITORS SMD WASHABLE CERAMIC RESONATORS
Rev. B 01/2003
logo
Advanced Crystal Techno...
ACTZTB-Y ACT-ACTZTB-Y Datasheet
147Kb / 2P
Surface Mount Resonators
17-08-2006
logo
Vishay Siliconix
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
20-Feb-08
logo
AEL Crystals Ltd
EFOS3584B5 AEL-EFOS3584B5 Datasheet
166Kb / 1P
Chip Ceramic Resonators Built-In Capacitors
logo
Vishay Siliconix
VJ0603 VISHAY-VJ0603_12 Datasheet
121Kb / 11P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
06-Jun-12
VJ0603D471KXXAJ VISHAY-VJ0603D471KXXAJ Datasheet
133Kb / 11P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
19-Aug-14
logo
AVX Corporation
PBRC-B AVX-PBRC-B Datasheet
130Kb / 2P
Built-in Capacitor MHz Band SMT Resonators
logo
Vishay Siliconix
VJHIFREQ VISHAY-VJHIFREQ_V01 Datasheet
263Kb / 25P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
19-Aug-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com