Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPR5500F Datasheet(PDF) 1 Page - Bi technologies

Part # BPR5500F
Description  3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BPR5500F Datasheet(HTML) 1 Page - Bi technologies

  BPR5500F Datasheet HTML 1Page - Bi technologies BPR5500F Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3W to 50W PLANAR SHOCK / VIBRATION PROOF
HIGH POWER RESISTORS
Features…………………………………………………………
.
Non-Inductive planar package
High power density.
Thin package for high density PCB installation.
Power dissipated above the board.
RoHS compliant.
Superior vibration durability
Applications………………………………………………
………
Ideal for extreme mechanically stressed environments.
Power supply pre-load resistors.
UPS systems
Snubber and pulse handling circuits.
Pulse generator load resistors
.
In-rush current protection
Bleeder Resistors
Specification
Notes:
1.
Contact factory for custom products, non-standard values and tolerances.
Specifications subject to change without notice
Items
Specification
Conditions
Power Rating
3W, 5W, 7W, 10W, 20W, 30W, 40W & 50W,
@ ambient temp < 70
°C
Operating Voltage Max
300Vac, 500VDC
Resistance Range
0.1
Ω to 200 KΩ
Extended resistance range available.
TCR
100 ppm/
°C
For -55 to +155
°C and above 1Ω
Tolerance
+/-5%, optional 1%, 2%
Operation Temp. Range
-55 - +155
°C
Dielectric Withstanding Voltage
5KV minimum
Mechanical Shock
∆R +/- 0.25 %
100G.
Load Life
∆R +/- 2.0 %
70
°C, 90 min. ON, 30 min.OFF, 1000 hours.
Humidity
∆R +/- 0.5 %
85
°C, 85% RH, DC 0.1W, 1000 hours.
Temperature Cycle
∆R +/- 0.5%
-55
°C, 30 min.,+155°C 30min., 5cycles.
Soldering Heat (Max)
∆R +/- 0.25 %
250+/-5
°C, 10 seconds,
Solderability
Min 95% coverage
230+/-5
°C, 5 seconds.
Insulation Resistance
Over 1000 M
Ω
Between terminals and metal back plate.
Vibration
∆R +/- 0.25 %
20G, 10Hz to 2 KHz.
1
Materials
Lead:
Tin Plated Phosphor Bronze
Substrate: 96% Alumina
Resistor: Ruthenium Oxide
Model
BPR 3
BPR 5
BPR 7
BPR 10 BPR 20 BPR 30
BPR 40 BPR 50
0.50
0.50
1.00
1.00
2.00
2.10
2.10
2.10
Dim A
12.70
12.70
25.40
25.40
50.80
53.34
53.34
53.34
0.60
1.00
0.75
1.00
1.00
1.40
1.90
2.20
Dim B
15.24
25.40
19.05
25.40
25.40
35.56
48.26
55.88
0.67
1.07
0.82
1.07
1.07
1.47
1.97
2.27
Dim C
17.02
27.18
20.82
27.18
27.18
37.34
50.04
57.66
0.30
0.30
0.80
0.80
1.80
1.90
1.90
1.90
Dim D
7.62
7.62
20.32
20.32
45.72
48.26
48.26
48.26
Dimensions (inch / mm)
Dim. A ±.005
±0.13
Dim. B ±.005
±0.13
Dim. D ±.015
±0.38
Dim. C ±.020
±0.51
.020
±.005
0.51
±0.13
.040
±.005
1.02
±0.13
.040
±.005
1.02
±0.13
.200
±.002
5.08
±0.05
.200
±.020
5.08
±0.51
BPR


Similar Part No. - BPR5500F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
BPR556CFTR10J KOA-BPR556CFTR10J Datasheet
94Kb / 3P
rectangular type metal plate resistors
BPR556CFTR10K KOA-BPR556CFTR10K Datasheet
94Kb / 3P
rectangular type metal plate resistors
BPR556CR10J KOA-BPR556CR10J Datasheet
94Kb / 3P
rectangular type metal plate resistors
BPR556CR10K KOA-BPR556CR10K Datasheet
94Kb / 3P
rectangular type metal plate resistors
logo
List of Unclassifed Man...
BPR556F0.012J ETC-BPR556F0.012J Datasheet
269Kb / 2P
Square metal plate resistor Rectangular Type Metal Plate Resistors
More results

Similar Description - BPR5500F

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BPC BITECH-BPC Datasheet
1Mb / 2P
3W to 10W PLANAR HIGH POWER RESISTORS
MHP50 BITECH-MHP50 Datasheet
1Mb / 2P
50W TO-220 HIGH POWER RESISTORS
logo
EUROQUARTZ limited
CX1HGSM EUROQUARTZ-CX1HGSM Datasheet
134Kb / 2P
High shock and vibration resistance
logo
List of Unclassifed Man...
MHP50102F ETC2-MHP50102F Datasheet
447Kb / 3P
50W TO220 High Power Resistors
logo
Marl International Limi...
258-501-64-3812 MARL-258-501-64-3812_15 Datasheet
204Kb / 4P
Durable to shock and vibration
255-501-64-38 MARL-255-501-64-38_14 Datasheet
277Kb / 5P
Durable to shock and vibration
logo
TT Electronics.
BPC TTELEC-BPC_17 Datasheet
283Kb / 2P
3W to 10W Planar High Power Resistors
BPR TTELEC-BPR_17 Datasheet
596Kb / 2P
3W to 50W Planar Shock
logo
Golledge Electronics Lt...
CC2A-T1A GOLLEDGE-CC2A-T1A Datasheet
555Kb / 5P
High shock & vibration resistance
CC1V-T1A GOLLEDGE-CC1V-T1A Datasheet
556Kb / 5P
High shock & vibration resistance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com