Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMC0603HF-R12K Datasheet(PDF) 3 Page - Bi technologies

Part # BMC0603HF-R12K
Description  Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BMC0603HF-R12K Datasheet(HTML) 3 Page - Bi technologies

  BMC0603HF-R12K Datasheet HTML 1Page - Bi technologies BMC0603HF-R12K Datasheet HTML 2Page - Bi technologies BMC0603HF-R12K Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
81
Ordering Information
Body Dimensions:
Length x Width
Model Series
Inductance
Tolerance:
J = ±5%
K = ±10%
S = ±0.3nH
High Frequency
Inductance Code:
First 2 digits are significant.
For values below 10nH, “N”
denotes the decimal point.
Lead-Free Option
LF = Lead - Free
(No code used for
non lead-free part)
Outline Dimensions (Inches/mm)
Part #
A Dim.
B Dim.
C Dim.
T Dim.
BMC0402HF
0.040±0.004
0.02±0.004
0.01±0.004
0.02±0.004
(1005)
1.00±0.100
0.50±0.100
0.25±0.100
0.50±0.100
BMC0603HF
0.063±0.006
0.031±0.006
0.012±0.008 0.031±0.006
(1608)
1.60±0.150
0.80±0.150
0.30±0.200
0.80±0.150
BMC0805HF
0.079±0.008
0.049±0.008
0.020±0.012
0.035±.008
(2012)
2.00±0.200
1.25±0.200
0.50±0.300
0.90±0.200
Packaging
Standard: Embossed Tape & Reel
Reel:
Diameter:
= 7” (177.8mm)
Capacity:
BMC0402 HF
=
10,000 Units
BMC0603 HF
=
4,000 Units
BMC0805 HF
=
4,000 Units
BMC
0805
HF
4N7
K
LF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com