Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMC0603HF-R15K Datasheet(PDF) 2 Page - Bi technologies

Part # BMC0603HF-R15K
Description  Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BMC0603HF-R15K Datasheet(HTML) 2 Page - Bi technologies

  BMC0603HF-R15K Datasheet HTML 1Page - Bi technologies BMC0603HF-R15K Datasheet HTML 2Page - Bi technologies BMC0603HF-R15K Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
80
0603 Specifications (Cont’d)
SRF
DCR
Rated
Part
Inductance
(1)
Q (Typical)
Min./Typ.
Max.
Current
Number
nH
@ 100/800MHz
MHz
Ω
mA
BMC0603HF-22NK
22.0
17/37
1800/1900
0.40
300
BMC0603HF-27NK
27.0
15/32
1500/1700
0.45
300
BMC0603HF-33NK
33.0
15/28
1200/1500
0.55
300
BMC0603HF-39NK
39.0
14/28
1100/1300
0.60
300
BMC0603HF-47NK
47.0
17/28
900/1300
0.70
300
BMC0603HF-56NK
56.0
19/26
900/1200
0.75
300
BMC0603HF-68NK
68.0
17/20
700/1000
0.85
300
BMC0603HF-82NK
82.0
16/18
600/1000
0.95
300
BMC0603HF-R10K
100.0
18/3
600/800
1.00
300
BMC0603HF-R12K
120.0 @ 50MHz
8/–
500/800
1.20
300
BMC0603HF-R15K
150.0 @ 50MHz
8/–
500/700
1.20
300
BMC0603HF-R18K
180.0 @ 50MHz
8/–
400/600
1.30
300
BMC0603HF-R22K
220.0 @ 50MHz
8/–
400/500
1.50
300
Note:
(1) Inductance is measured at 100MHz without DC Current
0805 Specifications
SRF
DCR
Rated
Part
Inductance
(1)
Q (Typical)
Min./Typ.
Max.
Current
Number
nH
@ 100/800MHz
MHz
Ω
mA
BMC0805HF-1N5S
1.5
16/55
4000/7000
0.10
300
BMC0805HF-1N8S
1.8
16/55
4000/7000
0.10
300
BMC0805HF-2N2S
2.2
16/51
4000/7000
0.10
300
BMC0805HF-2N7S
2.7
16/55
4000/6500
0.10
300
BMC0805HF-3N3K
3.3
19/65
4000/5500
0.13
300
BMC0805HF-3N9K
3.9
19/65
3000/4400
0.15
300
BMC0805HF-4N7K
4.7
19/65
3000/3500
0.20
300
BMC0805HF-5N6K
5.6
19/62
3000/3500
0.23
300
BMC0805HF-6N8K
6.8
19/55
2500/3300
0.25
300
BMC0805HF-8N2K
8.2
19/53
2000/2600
0.28
300
BMC0805HF-10NK
10.0
20/60
2000/2300
0.30
300
BMC0805HF-12NK
12.0
20/40
1500/2000
0.35
300
BMC0805HF-15NK
15.0
20/48
1500/1800
0.40
300
BMC0805HF-18NK
18.0
20/54
1300/1700
0.45
300
BMC0805HF-22NK
22.0
20/38
1200/1400
0.50
300
BMC0805HF-27NK
27.0
20/38
1000/1300
0.55
300
BMC0805HF-33NK
33.0
20/28
1000/1200
0.60
300
BMC0805HF-39NK
39.0
20/21
800/1100
0.65
300
BMC0805HF-47NK
47.0
21/17
800/1000
0.70
300
BMC0805HF-56NK
56.0
21/12
700/900
0.75
300
BMC0805HF-68NK
68.0
21/9
600/800
0.80
300
BMC0805HF-82NK
82.0
22/4
500/700
0.90
300
BMC0805HF-R10K
100.0
22/16
500/700
0.90
300
BMC0805HF-R12K
120.0 @ 50MHz
13/–
400/600
0.95
300
BMC0805HF-R15K
150.0 @ 50MHz
13/–
300/600
1.00
300
BMC0805HF-R18K
180.0 @ 50MHz
13/–
300/500
1.10
300
BMC0805HF-R22K
220.0 @ 50MHz
12/–
300/500
1.20
300
BMC0805HF-R27K
270.0 @ 50MHz
12/–
200/400
1.30
300



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com