Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM74-R85 Datasheet(PDF) 1 Page - Bi technologies

Part # HM74-R85
Description  High Frequency High Current Low Profile Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM74-R85 Datasheet(HTML) 1 Page - Bi technologies

  HM74-R85 Datasheet HTML 1Page - Bi technologies HM74-R85 Datasheet HTML 2Page - Bi technologies HM74-R85 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6
6-121
Model HM74 Series
MODEL HM74 SERIES
High Frequency
High Current
Low Profile
Surface Mount Inductors
NEW PRODUCT
FEATURES AND BENEFITS
• Closed magnetic circuit for high density board assembly
• High performance, low loss ferrite core up to 5 MHz
• Low profile designed for machine placement
• Low DCR and high current up to 27 amps continuous
• Class F design is compatible with vapor phase and infrared reflow soldering
• Custom designs available
ELECTRICAL / ENVIRONMENTAL
Operating Temperature Range
-25°C to +135°C
Storage Temperature Range
-40°C to +85°C
Ambient Temperature, Maximum
80°C
Insulation System
Class F, 155°C
APPLICATIONS
• Laptop and notebook computers
• DC/DC converters in distributed power systems or VRM applications
• Inductor for general purpose use
Specifications subject to change without notice.


Similar Part No. - HM74-R85

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM740 HMSEMI-HM740 Datasheet
316Kb / 8P
400V N-Channel MOSFET
HM740F HMSEMI-HM740F Datasheet
316Kb / 8P
400V N-Channel MOSFET
HM741 HMSEMI-HM741 Datasheet
1Mb / 4P
N-Channel Enhancement Mode MOSFET
HM74HC04D HMSEMI-HM74HC04D Datasheet
162Kb / 3P
six-way inverter, high speed Silicon gate CMOS device
HM74HC138D HMSEMI-HM74HC138D Datasheet
528Kb / 6P
high-speed CMOS device
More results

Similar Description - HM74-R85

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM69 BITECH-HM69 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM100 ETC1-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
HM65 ETC2-HM65 Datasheet
342Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65 BITECH-HM65 Datasheet
853Kb / 2P
High Current Low Profile Surface Mount Inductors
HM100 BITECH-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
Cooper Bussmann, Inc.
FP0805R1-R03-R COOPER-FP0805R1-R03-R Datasheet
448Kb / 4P
High Current, High Frequency, Low-Profile Power Inductors
logo
Bi technologies
HM69 BITECH-HM69_15 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM65 TTELEC-HM65 Datasheet
1Mb / 2P
High Current Low Profile Surface Mount Inductors
HM69 TTELEC-HM69 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
HM100 TTELEC-HM100 Datasheet
807Kb / 2P
High Current Low Profile Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com