Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5633M Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA5633M
Description  9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5633M Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA5633M Datasheet HTML 4Page - NXP Semiconductors TDA5633M Datasheet HTML 5Page - NXP Semiconductors TDA5633M Datasheet HTML 6Page - NXP Semiconductors TDA5633M Datasheet HTML 7Page - NXP Semiconductors TDA5633M Datasheet HTML 8Page - NXP Semiconductors TDA5633M Datasheet HTML 9Page - NXP Semiconductors TDA5633M Datasheet HTML 10Page - NXP Semiconductors TDA5633M Datasheet HTML 11Page - NXP Semiconductors TDA5633M Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 Aug 16
8
Philips Semiconductors
Product specification
9 V VHF and UHF mixers/oscillators for TV
and VCR cable tuners
TDA5632; TDA5633
Fig.4 Band A gain measurement.
Zi >> 50 Ω=> Vin =2Vmeas (Vin =80dBµV); Vout =V'meas ×
; voltage gain for band A = 20 log
.
50
27
+
50
-------------------
V
out
V
in
-----------
handbook, full pagewidth
MBH333
signal
source
V
V
D.U.T.
A IN
A IN
IF
out
e
50
Ω
27
Ω
50
Ω
50
Ω
V
out
in
V
meas
meas
V'
RMS
voltmeter
spectrum
analyzer
Fig.5 Input circuit for minimum noise figure.
(a) For fRF = 50 MHz:
mixer A frequency response measured = 57 MHz, loss = 0 dB
image suppression = 16 dB.
C1 = 9 pF.
C2 = 15 pF.
L1 = 7 turns (5.5 mm, wire diameter = 0.5 mm).
l1 = rigid cable (RIM): 5 cm long
(rigid cable (RIM); 33 dB/100 m; 50
Ω, 96 pF/m).
(b) For fRF = 150 MHz:
mixer A frequency response measured = 150.3 MHz, loss = 1.3 dB
image suppression = 13 dB.
C3 = 5 pF.
C4 = 25 pF.
l2 = rigid cable (RIM): 30 cm long.
l3 = rigid cable (RIM): 5 cm long
(rigid cable (RIM); 33 dB/100 m; 50
Ω; 96 pF/m).
handbook, full pagewidth
MBE286 - 1
L1
C2
C1
PCB
plug
plug
BNC
BNC
RIM-RIM
I1
C4
C3
PCB
RIM-RIM
I3
I2
(a)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com