Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML1206-R33K Datasheet(PDF) 2 Page - Bi technologies

Part # BML1206-R33K
Description  Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BML1206-R33K Datasheet(HTML) 2 Page - Bi technologies

  BML1206-R33K Datasheet HTML 1Page - Bi technologies BML1206-R33K Datasheet HTML 2Page - Bi technologies BML1206-R33K Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
83
BML1206-R047K
.043/1.10
0.047
20
50
320
0.15
300
3K
BML1206-R068K
.043/1.10
0.068
20
50
280
0.25
300
3K
BML1206-R10K
.043/1.10
0.10
20
25
270
0.25
250
3K
BML1206-R12K
.043/1.10
0.12
20
25
250
0.30
250
3K
BML1206-R15K
.043/1.10
0.15
20
25
200
0.30
250
3K
BML1206-R18K
.043/1.10
0.18
20
25
185
0.40
250
3K
BML1206-R22K
.043/1.10
0.22
20
25
170
0.40
250
3K
BML1206-R27K
.043/1.10
0.27
20
25
150
0.50
250
3K
BML1206-R33K
.043/1.10
0.33
20
25
145
0.50
250
3K
BML1206-R39K
.043/1.10
0.39
25
25
135
0.50
200
3K
BML1206-R47K
.043/1.10
0.47
25
25
125
0.60
200
3K
BML1206-R56K
.043/1.10
0.56
25
25
115
0.70
150
3K
BML1206-R68K
.043/1.10
0.68
25
25
105
0.80
150
3K
BML1206-R82K
.043/1.10
0.82
25
25
100
0.90
150
3K
BML1206-1R0K
.043/1.10
1.0
45
10
87
0.40
100
3K
BML1206-1R2K
.043/1.10
1.2
45
10
75
0.50
100
3K
BML1206-1R5K
.043/1.10
1.5
45
10
69
0.50
50
3K
BML1206-1R8K
.043/1.10
1.8
45
10
64
0.50
50
3K
BML1206-2R2K
.043/1.10
2.2
45
10
58
0.60
50
3K
BML1206-2R7K
.043/1.10
2.7
45
10
52
0.60
50
3K
BML1206-3R3K
.043/1.10
3.3
45
10
48
0.70
50
3K
BML1206-3R9K
.043/1.10
3.9
45
10
44
0.80
50
3K
BML1206-4R7K
.043/1.10
4.7
45
10
41
0.90
50
3K
BML1206-5R6K
.043/1.10
5.6
50
4
32
0.80
25
3K
0805 Specifications / Packaging
1206 Specifications / Packaging
Dim. T
Test
DC
Rated
7” Reel
Part
Inch/mm
Inductance
Frequency
SRF
Resistance
Current
Qty
Number
Tol:
±.008/0.20
µH
Q Min.
MHz
MHz Min.
Max.
IDC mA*
(Units)
Dim. T
Test
DC
Rated
7” Reel
Part
Inch/mm
Inductance
Frequency
SRF
Resistance
Current
Qty
Number
Tol:
±.008/0.2
µH
Q Min.
MHz
MHz Min.
Max.
IDC mA*
(Unit)
BML0805-R39K
.035/0.9
0.39
25
25
155
0.60
200
4K
BML0805-R47K
.049/1.25
0.47
25
25
140
0.60
200
3K
BML0805-R56K
.049/1.25
0.56
25
25
130
0.70
150
3K
BML0805-R68K
.049/1.25
0.68
25
25
120
0.80
150
3K
BML0805-R82K
.049/1.25
0.82
25
25
115
1.00
150
3K
BML0805-1R0K
.035/0.9
1.0
45
10
85
0.40
50
4K
BML0805-1R2K
.035/0.9
1.2
45
10
75
0.50
50
4K
BML0805-1R5K
.035/0.9
1.5
45
10
65
0.50
50
4K
BML0805-1R8K
.035/0.9
1.8
45
10
60
0.60
50
4K
BML0805-2R2K
.035/0.9
2.2
45
10
55
0.60
30
4K
BML0805-2R7K
.049/1.25
2.7
45
10
50
0.70
30
3K
BML0805-3R3K
.049/1.25
3.3
45
10
45
0.80
30
3K
BML0805-3R9K
.049/1.25
3.9
45
10
44
0.90
30
3K
BML0805-4R7K
.049/1.25
4.7
45
10
41
1.00
30
3K
BML0805-5R6K
.049/1.25
5.6
50
4
37
0.90
15
3K
BML0805-6R8K
.049/1.25
6.8
50
4
34
1.00
15
3K
BML0805-8R2K
.049/1.25
8.2
50
4
30
1.10
15
3K
BML0805-100K
.049/1.25
10.0
50
2
28
1.00
15
3K
BML0805-120K
.049/1.25
12.0
50
2
26
1.10
15
3K
BML0805-150K
.049/1.25
15.0
35
1
22
0.80
5
3K
BML0805-180K
.049/1.25
18.0
35
1
21
0.90
5
3K
BML0805-220K
.049/1.25
22.0
35
1
19
1.10
5
3K
BML0805-270K
.049/1.25
27.0
30
1
14
1.15
5
3K
BML0805-330K
.049/1.25
33.0
30
0.4
13
1.25
5
3K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com