Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMC0805HF-R15K Datasheet(PDF) 1 Page - Bi technologies

Part # BMC0805HF-R15K
Description  Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BMC0805HF-R15K Datasheet(HTML) 1 Page - Bi technologies

  BMC0805HF-R15K Datasheet HTML 1Page - Bi technologies BMC0805HF-R15K Datasheet HTML 2Page - Bi technologies BMC0805HF-R15K Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
79
• Inductance Range
1.0nH to 270nH
• Standard Tolerance
±10%
• Operating Temperature Range
-55°C to +125°C
• Ambient Temperature, Maximum
80°C
• Resistance to Solder Heat
260°C for 10 sec

Electrical / Environmental
Surface Mount Multilayer High Frequency Ceramic Chip Inductors
0402 - 0805 Industry Sizes
BMC0402HF-1N0S
1.0
10/26
10000/18000
0.12
300
BMC0402HF-1N2S
1.2
10/26
10000/17000
0.12
300
BMC0402HF-1N5S
1.5
11/30
6000/11000
0.13
300
BMC0402HF-1N8S
1.8
11/30
6000/11000
0.14
300
BMC0402HF-2N2S
2.2
10/28
6000/8700
0.16
300
BMC0402HF-2N7S
2.7
10/25
6000/7800
0.17
300
BMC0402HF-3N3K
3.3
10/27
6000/6400
0.19
300
BMC0402HF-3N9K
3.9
10/24
4000/5800
0.22
300
BMC0402HF-4N7K
4.7
10/23
4000/5100
0.24
300
BMC0402HF-5N6K
5.6
10/25
4000/4700
0.27
300
BMC0402HF-6N8K
6.8
10/23
3900/4200
0.32
250
BMC0402HF-8N2K
8.2
10/26
3600/3800
0.37
250
BMC0402HF-10NK
10.0
10/21
3200/3400
0.42
250
BMC0402HF-12NK
12.0
10/22
2700/2900
0.50
250
BMC0402HF-15NK
15.0
10/22
2300/2500
0.55
250
BMC0402HF-18NK
18.0
10/24
2100/2400
0.65
200
BMC0402HF-22NK
22.0
10/25
1900/2200
0.80
200
BMC0402HF-27NK
27.0
10/25
1600/2000
0.90
200
BMC0402HF-33NK
33.0
10/21
1300/1800
1.00
200
BMC0402HF-39NK
39.0
10/23
1200/1600
1.20
150
BMC0402HF-47NK
47.0
10/18
1000/1500
1.30
150
BMC0402HF-56NK
56.0
11/17
750/1300
1.40
150
BMC0402HF-68NK
68.0
11/17
750/1250
1.40
150
BMC0402HF-82NK
82.0
11/15
600/1100
2.00
100
BMC0402HF-R10K
100.0
11/10
600/1000
2.60
100
0402 Specifications
SRF
DCR
Rated
Part
Inductance
(1)
Q (Typical)
Min./Typ.
Max.
Current
Number
nH
@ 100/800MHz
MHz
Ω
mA
0603 Specifications
SRF
DCR
Rated
Part
Inductance
(1)
Q (Typical)
Min./Typ.
Max.
Current
Number
nH
@ 100/800MHz
MHz
Ω
mA
BMC0603HF-1N5S
1.5
11/35
6000/13000
0.10
300
BMC0603HF-1N8S
1.8
10/31
6000/11000
0.10
300
BMC0603HF-2N2S
2.2
14/44
6000/10000
0.10
300
BMC0603HF-2N7S
2.7
12/37
6000/7000
0.10
300
BMC0603HF-3N3K
3.3
16/51
4000/5900
0.12
300
BMC0603HF-3N9K
3.9
11/31
3500/4500
0.14
300
BMC0603HF-4N7K
4.7
11/33
3500/4500
0.16
300
BMC0603HF-5N6K
5.6
15/44
3500/4000
0.18
300
BMC0603HF-6N8K
6.8
15/44
3000/3600
0.22
300
BMC0603HF-8N2K
8.2
13/37
3000/3500
0.24
300
BMC0603HF-10NK
10.0
15/40
2800/3000
0.26
300
BMC0603HF-12NK
12.0
12/30
2000/2500
0.28
300
BMC0603HF-15NK
15.0
15/34
2000/2200
0.32
300
BMC0603HF-18NK
18.0
15/31
1800/2000
0.35
300
RoHS
Compliant
for
‘LF’ Models


Similar Part No. - BMC0805HF-R15K

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
BMC080 CONQUER-BMC080 Datasheet
189Kb / 1P
Ideal for use in electric vehicles charging protection boards
More results

Similar Description - BMC0805HF-R15K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMB0603-P1A-600 ETC1-BMB0603-P1A-600 Datasheet
218Kb / 1P
High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
BMB0402A-600 ETC1-BMB0402A-600 Datasheet
156Kb / 14P
Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
logo
Bi technologies
BMB1812A121ETLF BITECH-BMB1812A121ETLF Datasheet
248Kb / 2P
Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
BMB1812P1A121ETLF BITECH-BMB1812P1A121ETLF Datasheet
218Kb / 1P
High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
BML BITECH-BML Datasheet
266Kb / 3P
Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
RCD COMPONENTS INC.
MHI0402-22N-JBW RCD-MHI0402-22N-JBW Datasheet
26Kb / 1P
MULTILAYER CERAMIC CHIP INDUCTORS HIGH FREQUENCY PERFORMANCE
logo
RFE international
II2012K47N RFE-II2012K47N Datasheet
54Kb / 1P
SURFACE MOUNT INDUCTORS II2012 Series: 0805 Multilayer
logo
Vishay Siliconix
VJ0603 VISHAY-VJ0603_12 Datasheet
121Kb / 11P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
06-Jun-12
VJ0603D471KXXAJ VISHAY-VJ0603D471KXXAJ Datasheet
133Kb / 11P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
19-Aug-14
VJHIFREQ VISHAY-VJHIFREQ_V01 Datasheet
263Kb / 25P
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
19-Aug-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com