Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL1 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASL1
Description  CRYSTAL CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASL1 Datasheet(HTML) 1 Page - Abracon Corporation

  ASL1 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.0 Vdc HCMOS/ TTL COMPATIBLE CERAMIC SURFACE MOUNT
CRYSTAL CLOCK OSCILLATORS
ASL and ASL1
ASL1
FEATURES:
• Leadless chip carrier (LCC), Low profile.
• High density surface-mount applications.
• HCMOS and TTL compatible.
• Available optional -40°C to 85°C extended temperature.
• Tristate Enable /Disable function.
• Packaging: Tape and reel.
• Reflow capable.
• Seam welding, 1.4 mm max.height.(ASL1)
ASLX - Frequency - Temperature - Overall Freq. Stability - Duty Cycle - 50 - Packaging
XX.XXXXX MHz
-S for 45 / 55% @ 1
/2Vdd
-S1 for 45 / 55% @ 1.4Vdc
-I
for -0°C to + 50°C
-D for -10°C to + 60°C
-E for -20°C to + 70°C
-F for -30°C to + 70°C
-N for -30°C to + 85°C
-L for -40°C to + 85°C
ORDERING OPTIONS
ORDERING OPTIONS
* Pin 1 has internal pull-up resistor which allows Pin 1 to be left floating (enable high)
A bypass capacitor 0.01 µF is required from Vdd to Gnd. Reflow profile, see appendix E.
Test circuit, waveforms, please see appendix B. Marking, see appendix G.
Environmental and mechanical specifications, see appendix C. Group 2.
Application notes, see appendix A. Tape and Reel, see appendix H.(1,000 pcs./reel)
PIN
FUNCTION
N0.
1
Tristate E/D
2
GND / Case
3
Output
4
Vdd
Dimensions: Inches (mm)
50pF load
output drive
APPLICATIONS:
• Provide clock signals for microprocessors, PC mainboards, Graphic cards.
• High output drive capability applications.
Frequency Range
3.5 MHz - 25 MHz
Operation Mode
Fundamental, AT
Operating Temperature
-10°C to + 60° C (See Options)
Storage Temperature
-55°C to + 125° C
Frequency Tolerance @ 25°C
±50 ppm max. (See Options)
Frequency Stability over Temp.
±50 ppm max. (See Options)
Equivalent Series Resistance
200
Ω for 3.5 MHz < F < 4.0 MHz
(ESR) Maximum
150
Ω for 4.0 MHz < F < 6.0 MHz
100
Ω for 6.0 MHz < F < 10.0 MHz
80
Ω for 10 MHz < F < 14.0 MHz
50
Ω for 14 MHz < F <_ 25 MHz
Shunt Capacitance C0
7 pF max.
Load Capacitance CL
16pF (See Option)
Drive Level
100µ
Ω max.
Aging @ 25° C First Year
± 5 pp m max.
Insulation Resistance
500 M
Ω min. at 100 Vdc ± 15V
PARAMETERS
SPECIFICATIONS
STANDARD SPECIFICATIONS
STANDARD SPECIFICATIONS
* Please contact us for availability.
Frequency Range
(Fo)
1.00MHz - 125MHz
Operating Temperature (TOPR)
-10°C to +70°C (See Options)
Storage Temperature
(TSTO)
-55°C to +125°C
Frequency Stability
(
∆F/ Fo)
±100ppm max. (See Options)
Supply Voltage
(Vdd)
5Vdc ±10%
Input Current
(Idd)
Duty Cycle or Symmetry
40 / 60% max. @ 1/2 Vdd (See Options)
Rise and Fall Times
(TR / TF)
10ns max. for 1.0MHz < F < 35.0MHz
5ns max. for 35.0MHz < F < 100.0MHz
2.5ns max. for 100.0MHz < F < 125.0MHz
Output Load
Output Voltage
0.9 * Vdd min. (Voh); 0.4Vdc max. (Vol)
Start-up Time
(Tosc)
10ms max.
Tristate Function
(Vih)
(Vil)
Period jitter one sigma
±25ps max.
25 mA max. for
1.0MHz
< F < 35.0MHz
40 mA max. for 35.0MHz
< F < 60.0MHz
60 mA max. for 60.0MHz
< F < 100MHz
80 mA max. for 100MHz
< F < 125MHz
10TTL or 50pF for F <
_ 70MHz
10TTL or 15pF for F > 70.0MHz
“1” or Open: Oscillation
>
_ 2.2V
“0”:Output disabled in high impedance (Hi Z) < 0.8V
Blank
or 1
-Y for ± 10ppm max.*
-J for ± 20ppm max.*
-R for ± 25ppm max.
-K for ± 30ppm max.
-H for ± 35ppm max.
-C for ± 50ppm max.
-T
(Tape & Reel)
H
0.055
Max.
(1.40)
7.0 x 5.08 x 1.8 mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard • All specifications and markings subject to change without notice
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON
®
CORPORATION
44
0.071max.
(1.8)
Rev. B
01/2003


Similar Part No. - ASL1

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL10 ASTRODYNE-ASL10 Datasheet
711Kb / 3P
10W Ultraminiature Open Frame Global Switching Power Supplies
ASL10 ASTRODYNE-ASL10_16 Datasheet
678Kb / 3P
10W Ultraminiature Open Frame Global Switching Power Supplies
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C Datasheet
277Kb / 4P
5-3000 MHz MMIC Amplifier
October 2012
ASL13C ASB-ASL13C Datasheet
965Kb / 13P
MMIC Amplifier
April 2017
ASL13C ASB-ASL13C_15 Datasheet
1Mb / 13P
5 ~ 3000 MHz MMIC Amplifier
December 2014
More results

Similar Description - ASL1

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
Crystal Clock Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com