Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40010 Datasheet(PDF) 9 Page - Cree, Inc

Part # CGH40010
Description  10 W, RF Power GaN HEMT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40010 Datasheet(HTML) 9 Page - Cree, Inc

Back Button CGH40010 Datasheet HTML 4Page - Cree, Inc CGH40010 Datasheet HTML 5Page - Cree, Inc CGH40010 Datasheet HTML 6Page - Cree, Inc CGH40010 Datasheet HTML 7Page - Cree, Inc CGH40010 Datasheet HTML 8Page - Cree, Inc CGH40010 Datasheet HTML 9Page - Cree, Inc CGH40010 Datasheet HTML 10Page - Cree, Inc CGH40010 Datasheet HTML 11Page - Cree, Inc CGH40010 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image

CGH4000 Rev .4 Preliminary
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/wireless
Copyright © 2006-2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Typical Package S-Parameters for CGH4000F
(Small Signal, V
DS = 28 V, IDQ = 200 mA, angle in degrees)
Frequency
Mag S
Ang S
Mag S2
Ang S2
Mag S2
Ang S2
Mag S22
Ang S22
500 MHz
0.884
-147.00
13.01
100.05
0.0316
14.05
0.6169
-163.03
600 MHz
0.881
-153.95
11.01
95.70
0.0320
10.50
0.6254
-167.20
700 MHz
0.878
-159.32
9.53
92.09
0.0323
7.70
0.6306
-170.47
800 MHz
0.877
-163.65
8.40
88.98
0.0326
5.39
0.6339
-173.14
900 MHz
0.875
-167.27
7.51
86.20
0.0327
3.41
0.6361
-175.43
1.0 GHz
0.874
-170.38
6.79
83.66
0.0328
1.67
0.6376
-177.42
1.1 GHz
0.873
-173.13
6.20
81.29
0.0329
0.11
0.6386
-179.22
1.2 GHz
0.873
-175.60
5.70
79.06
0.0330
-1.32
0.6393
179.14
1.3 GHz
0.872
-177.85
5.28
76.92
0.0331
-2.65
0.6397
177.62
1.4 GHz
0.872
-179.93
4.92
74.86
0.0332
-3.91
0.6398
176.19
1.5 GHz
0.871
178.12
4.61
72.86
0.0333
-5.10
0.6399
174.83
1.6 GHz
0.871
176.27
4.33
70.91
0.0334
-6.24
0.6398
173.53
1.7 GHz
0.870
174.52
4.09
69.00
0.0334
-7.33
0.6396
172.27
1.8 GHz
0.870
172.83
3.88
67.12
0.0335
-8.40
0.6393
171.05
1.9 GHz
0.869
171.21
3.69
65.27
0.0336
-9.43
0.6389
169.86
2.0 GHz
0.868
169.63
3.51
63.43
0.0337
-10.45
0.6385
168.70
2.1 GHz
0.868
168.09
3.36
61.62
0.0338
-11.44
0.6379
167.55
2.2 GHz
0.867
166.59
3.22
59.82
0.0339
-12.42
0.6374
166.42
2.3 GHz
0.867
165.11
3.09
58.03
0.0339
-13.39
0.6367
165.29
2.4 GHz
0.866
163.65
2.98
56.25
0.0340
-14.35
0.6360
164.18
2.5 GHz
0.866
162.21
2.87
54.47
0.0341
-15.30
0.6353
163.07
2.6 GHz
0.865
160.78
2.77
52.70
0.0342
-16.24
0.6345
161.97
2.7 GHz
0.864
159.36
2.68
50.93
0.0343
-17.18
0.6336
160.87
2.8 GHz
0.864
157.95
2.60
49.16
0.0345
-18.11
0.6327
159.76
2.9 GHz
0.863
156.54
2.52
47.39
0.0346
-19.05
0.6318
158.66
3.0 GHz
0.862
155.13
2.45
45.62
0.0347
-19.98
0.6308
157.55
3.1 GHz
0.862
153.73
2.38
43.84
0.0348
-20.91
0.6297
156.43
3.2 GHz
0.861
152.32
2.32
42.06
0.0349
-21.84
0.6286
155.31
3.3 GHz
0.860
150.91
2.26
40.28
0.0351
-22.78
0.6275
154.18
3.4 GHz
0.859
149.49
2.21
38.49
0.0352
-23.72
0.6263
153.04
3.5 GHz
0.859
148.06
2.16
36.70
0.0354
-24.66
0.6250
151.89
3.6 GHz
0.858
146.63
2.11
34.90
0.0355
-25.61
0.6237
150.73
3.7 GHz
0.857
145.18
2.07
33.09
0.0357
-26.56
0.6224
149.55
3.8 GHz
0.856
143.72
2.02
31.27
0.0358
-27.52
0.6210
148.37
3.9 GHz
0.855
142.25
1.98
29.44
0.0360
-28.48
0.6195
147.16
4.0 GHz
0.854
140.76
1.95
27.59
0.0361
-29.46
0.6181
145.94
4.1 GHz
0.853
139.26
1.91
25.74
0.0363
-30.44
0.6165
144.71
4.2 GHz
0.852
137.74
1.88
23.88
0.0365
-31.43
0.6150
143.46
4.3 GHz
0.851
136.20
1.85
22.00
0.0367
-32.44
0.6133
142.18
4.4 GHz
0.850
134.65
1.82
20.11
0.0369
-33.45
0.6117
140.89
4.5 GHz
0.849
133.07
1.79
18.21
0.0371
-34.47
0.6100
139.58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com