Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR50DA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SSR50DA
Description  Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSR50DA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SSR50DA Datasheet HTML 1Page - List of Unclassifed Manufacturers SSR50DA Datasheet HTML 2Page - List of Unclassifed Manufacturers SSR50DA Datasheet HTML 3Page - List of Unclassifed Manufacturers SSR50DA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Operation
Solid State Relay
Part Number
Price
Max. Current
Surge Current
Input Voltage
Trigger Current
Output Voltage
SSR 10 DD
R 232.00
10A
30 A
3-32 VCD
7,5 mA
5-60 VCD
Connection Diagram
Dimensions
DC TO DC
THREE PHASE
COOING FAN
For 3 Phase SSR
DIN RAIL
BRACKET
SSR COVER
Plastic
HEAT TRANSFER
PAD
Part Number
Price
Max. Current
Surge Current
Input Voltage
Trigger Current
Output Voltage
TSR 25 DA-H
R 721.00
25 A
275 A
4-32 VDC
7,5 mA
90-480 VAC
TSR 40 DA-H
R 802.00
40 A
410 A
4-32 VDC
7,5 mA
90-480 VAC
Operation
Connection Diagram
Dimensions
Part Number
Price
SF-23092A
R 246.00
Part Number
Price
GS-BR-1
R 28.00
Part Number
Price
HS 4258
R 19.00
Part Number
Price
CSR 1
R 21.00
DC input voltage between 3 to 32VDC will switch output on.
Single DC input between 4 to 32VDC will switch all 3 outputs on.
Switch Technique KZN, March 2012
70
Prices Exclude VAT, E&OE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com