Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACT
Description  CRYSTAL CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACT Datasheet(HTML) 1 Page - Abracon Corporation

  ACT Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPLICATIONS:
• Provide clock signals for microprocessors and digital circuits.
• TTL output for low EMI applications.
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
AXT - Frequency - Temperature - Overall Frequency Stability - Duty Cycle - Tristate - Value Added - Packaging
XX.XXXXXMHz
-J for ± 20ppm max
-R for ± 25ppm max
-K for ± 30ppm max
-H for ± 35ppm max
-C for ± 50ppm max
- A
Tristate E/D
-S for 45 /55%
-T for 47.5 /52.5%
-D for -10°C to + 60°C
-E for -20°C to + 70°C
-F for -30°C to + 70°C
-N for -30°C to + 85°C
-L for -40°C to + 85°C
ORDERING OPTIONS
PIN # PIN #
FUNCTION
ACT AHT
1
1
NC or Tristate E/D
7
4
GND / Case
8
5
Output
14
8
Vdd
Package Type
ACT (14 DIP) and AHT (8 DIP)
Frequency Range
(Fo)
500kHz - 70MHz
Operating Temperature (TOPR)
0°C to +70°C (See Options)
Storage Temperature
(TSTO)
-55°C to +125°C
Frequency Stability
(DF/ Fo)
±100ppm max. (See Options)
Supply Voltage
(Vdd)
5Vdc ±10%
Input Current
(Idd)
30mA max. Fo <_ 25MHz (Without Load)
70mA max. Fo ~ 25.01MHz - 70MHz
Duty Cycle or Symmetry
45/ 55% max. for F <_ 8.0MHz
(at 1.4 Vdc)
40/ 60% max. for F > 8.0MHz (See Options)
Rise and Fall
10ns max. for F <_ 30MHz
Times
(TR / TF)
6ns max. for F> 30MHz (See Options)
Output Load
10TTL max.
Output Voltage
(VOH)
2.4Vdc min.
(VOL)
0.4Vdc max.
Start-up Time
(TOSC)
10ms max.
Tristate Function
(VIH)
(Option “-A” ONLY)
(VIL)
Output Disable/ Enable Time
100ns max. (for Option “- A” ONLY)
“1” or Open: Oscillation
>_ 2.2V
“0”:Output disabled in high impedance (HiZ) < 0.8V
PARAMETERS
SPECIFICATIONS
Dimensions: Inches (mm)
ACT
(14DIP)
AH T
(8 DIP)
FEATURES:
• Hermetically sealed metal package. • TTL output.
• Case ground for EMI protection.
• Tristate Enable / Disable options.
-G
Gull Wing*
-G2 Gull Wing (AHT)
-GHT Gull Wing
reflow capable*
-QXX (Trimmed Leads)*
C or H
-T Tape and reel
-TY tray packing
5Vdc • TTL OUTPUT • FULL-SIZE AND HALF-SIZE DIP
CRYSTAL CLOCK OSCILLATORS
ACT and AHT
20.2 x 12.6 x 5.08 mm
* Pin 1 has internal pull-up resistor which allows Pin 1 to be left floating (enable high) Option A
Test circuit, waveforms, see appendix B. Recommended handling, see appendix F.
Environmental and mechanical specifications, see appendix C. Group 1.
Marking, see appendix G. Value added, see appendix D.
Application notes, see appendix A. Reflow profile, see appendix E. Packaging, see appendix H.
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
ABRACON
®
C O R P O R A T I O N 55


Similar Part No. - ACT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACT TDK-ACT Datasheet
220Kb / 4P
Common mode filters Automotive signal line (for power train/safety)
20221027
logo
Magnelab.
ACT-0024-100 MAGNELAB-ACT-0024-100 Datasheet
153Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-XXX, 5 Amp Output
ACT-0024-100-1A MAGNELAB-ACT-0024-100-1A Datasheet
214Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-100/1A, 1 Amp Output
ACT-0024-200 MAGNELAB-ACT-0024-200 Datasheet
153Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-XXX, 5 Amp Output
ACT-0024-300 MAGNELAB-ACT-0024-300 Datasheet
153Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-XXX, 5 Amp Output
More results

Similar Description - ACT

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com