Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM100-252R0 Datasheet(PDF) 1 Page - Bi technologies

Part # HM100-252R0
Description  High Current Low Profile Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM100-252R0 Datasheet(HTML) 1 Page - Bi technologies

  HM100-252R0 Datasheet HTML 1Page - Bi technologies HM100-252R0 Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
68
HM100-251R0
1.0
85
65
62
0.7
0.9
HM100-251R5
1.5
55
45
62
0.7
0.9
HM100-252R0
2.0
45
35
62
0.7
0.9
Specifications
Irated(2)
Heating
DC Resistance(4)
Part
Inductance(1)
Rated Current (A)
Current(3)
mΩ
mΩ
Number
µH ± 20%
25°C
130
°C
(A)
Typ.
Max.
• Operating Temperature Range
-40°C to +130°C
• Insulation System
Class F, 155°C
• Ambient Temperature, Maximum
85°C

Electrical / Environmental
High Current Low Profile Surface Mount Inductors
Notes:
(1) Inductance is measured at 100kHz, 0.1 Vac without DC current.
(2) The rated current (Irated) is the approximate current at which inductance will be decreased by 20% from its initial (zero DC) value.
(3) Heating Current is the DC current which causes the inductor temperature to increase by approximately 40°C.
(4) DC resistance is measured at 25°C.
Outline Dimensions (mm)
Top View
Side View
Recommended Solder Pad Layout
Case Size
A
B
C
D
E
F
G
H
J
25
28.0
25.5
8.8
18.0
3.8
5.0
1.0
12.0
0.4
Ordering Information
Inductance Code:
First 2 digits are significant. Last digit
denotes the number of trailing zeros.
For values below 10µH, ‘R’ denotes the
decimal point
Model Series
Case Size
Tape & 13” Reel
(150 Units/Reel)
Lead-Free Option:
LF = Lead-Free
(No code used for
non lead-free part)
HM100
25
1R0
LF
TR
RoHS
Compliant
for
‘LF’ Models


Similar Part No. - HM100-252R0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM100-252R0 ETC1-HM100-252R0 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
HM100-252R0LF ETC1-HM100-252R0LF Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM100-252R0LF TTELEC-HM100-252R0LF Datasheet
807Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM100-252R0LFTR ETC1-HM100-252R0LFTR Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
HM100-252R0TR ETC1-HM100-252R0TR Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
More results

Similar Description - HM100-252R0

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM69 BITECH-HM69 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM100 ETC1-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
HM65 ETC2-HM65 Datasheet
342Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65 BITECH-HM65 Datasheet
853Kb / 2P
High Current Low Profile Surface Mount Inductors
HM74 BITECH-HM74 Datasheet
49Kb / 3P
High Frequency High Current Low Profile Surface Mount Inductors
HM69 BITECH-HM69_15 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM36 TTELEC-HM36 Datasheet
578Kb / 2P
High Current Low Profile Low Loss Ferrite Surface Mount Inductors
HM65 TTELEC-HM65 Datasheet
1Mb / 2P
High Current Low Profile Surface Mount Inductors
HM69 TTELEC-HM69 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
HM100 TTELEC-HM100 Datasheet
807Kb / 2P
High Current Low Profile Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com