Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6404 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA6404
Description  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6404 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA6404 Datasheet HTML 14Page - NXP Semiconductors TDA6404 Datasheet HTML 15Page - NXP Semiconductors TDA6404 Datasheet HTML 16Page - NXP Semiconductors TDA6404 Datasheet HTML 17Page - NXP Semiconductors TDA6404 Datasheet HTML 18Page - NXP Semiconductors TDA6404 Datasheet HTML 19Page - NXP Semiconductors TDA6404 Datasheet HTML 20Page - NXP Semiconductors TDA6404 Datasheet HTML 21Page - NXP Semiconductors TDA6404 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
1999 Jan 13
18
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
Loss (in hybrid) = 1 dB.
F=Fmeas − loss (in hybrid).
Fig.10 Noise figure (F) measurement in the UHF band.
handbook, full pagewidth
MGL278
UHFIN1
UHFIN2
IFOUT1
D.U.T.
NOISE
SOURCE
NOISE
FIGURE
METER
50
Ω
A
B
C
D
HYBRID
IFOUT2
C
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com