Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6403 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA6403
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6403 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA6403 Datasheet HTML 17Page - NXP Semiconductors TDA6403 Datasheet HTML 18Page - NXP Semiconductors TDA6403 Datasheet HTML 19Page - NXP Semiconductors TDA6403 Datasheet HTML 20Page - NXP Semiconductors TDA6403 Datasheet HTML 21Page - NXP Semiconductors TDA6403 Datasheet HTML 22Page - NXP Semiconductors TDA6403 Datasheet HTML 23Page - NXP Semiconductors TDA6403 Datasheet HTML 24Page - NXP Semiconductors TDA6403 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
2000 Jan 24
21
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
Fig.10 Input impedance (S11) of the UHF mixer input (350 to 860 MHz); Z0 =50 Ω.
handbook, full pagewidth
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+ j
– j
MGE723
0.5
1
0.2
10
5
2
860 MHz
350 MHz
Fig.11 Output impedance (S22) of the IF amplifier (20 to 60 MHz); Z0 =50 Ω.
handbook, full pagewidth
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+ j
– j
MGE724
0.5
1
0.2
10
5
2
20 MHz
100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com