Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S115FP Datasheet(PDF) 4 Page - ON Semiconductor

Part # S115FP
Description  Surface Mount Schottky Barrier Rectifiers 1 A, 20 V - 150 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S115FP Datasheet(HTML) 4 Page - ON Semiconductor

  S115FP Datasheet HTML 1Page - ON Semiconductor S115FP Datasheet HTML 2Page - ON Semiconductor S115FP Datasheet HTML 3Page - ON Semiconductor S115FP Datasheet HTML 4Page - ON Semiconductor S115FP Datasheet HTML 5Page - ON Semiconductor S115FP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SS12FP − S115FP
www.onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
1
10
100
1000
Figure 7. Typical Reverse Characteristic
Percent of Rated Peak Reverse Voltage (%)
Figure 8. Typical Junction Capacitance
10
20
30
40
50
60
70
80
90
100
S110FP − S115FP
TA = 150°C
TA = 75°C
TA = 125°C
TA = −55°C
TA = 25°C
0.1
Reverse Voltage, VR (V)
1
10
100
SS12FP − SS116FP
S110FP − S115FP
1E−5
1E−4
0.001
0.01
0.1
1
10
100
1000
10000
TA = −40°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com