Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS35 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SS35
Description  Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS35 Datasheet(HTML) 2 Page - ON Semiconductor

  SS35 Datasheet HTML 1Page - ON Semiconductor SS35 Datasheet HTML 2Page - ON Semiconductor SS35 Datasheet HTML 3Page - ON Semiconductor SS35 Datasheet HTML 4Page - ON Semiconductor SS35 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SS32 − S310
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Units
SS32 SS33 SS34 SS35 SS36 SS38 SS39 S310
VRRM
Maximum Repetitive Reverse Voltage
20
30
40
50
60
80
90
100
V
IF(AV)
Maximum Average Forward Current
at TA = 75°C
3.0
A
IFSM
Non−Repetitive Peak Forward Surge Current:
8.3 ms Single Half−Sine Wave
100
A
dV/dt
Maximum Voltage Rate of Change
10000
V/mS
TSTG
Storage Temperature Range
−55 to +150
°C
TJ
Operating Junction Temperature
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
PD
Power Dissipation
2.27
W
RθJA
Thermal Resistance, Junction to Ambient (Note 1)
55
°C/W
RθJL
Thermal Resistance, Junction to Lead
17
°C/W
1. Device mounted on FE−4 PCB 0.55 x 0.55 inch (14 x 14 mm).
ELECTRICAL CHARACTERISTICS Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Test Conditions
Value
Units
SS32 SS33 SS34 SS35 SS36 SS38 SS39 S310
VF
Forwarded Voltage
IF = 3.0 A
500
750
850
mV
IR
Reverse Current at Rated VR
TA = 25°C
0.5
mA
TA = 100°C
20
10
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
TYPICAL CHARACTERISTICS
Figure 1. Forward Current Derating Curve
Figure 2. Non−Repetitive Surge Current
0
25
50
75
100
125
150
175
0
1
2
3
Number of Cycles at 60 Hz
Ambient Temperature (5C)
Resistive or Inductive
Load P.C.B. Mounted
on 0.55 x 0.55’’
(14 x 14) mm
Copper Pad Areas
1
2
5
20
50
100
10
0
60
80
100
40
20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com