Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS321-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BAS321-HF
Description  Small-Signal Fast Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAS321-HF Datasheet(HTML) 2 Page - Comchip Technology

  BAS321-HF Datasheet HTML 1Page - Comchip Technology BAS321-HF Datasheet HTML 2Page - Comchip Technology BAS321-HF Datasheet HTML 3Page - Comchip Technology BAS321-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Rating and Characteristic Curves (BAS321-HF)
Comchip Technology CO., LTD.
Page 2
REV:A
Small-Signal Fast Switching Diodes
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Parameter
Symbol
Conditions
Max
Unit
Reverse recovery time
Diode capacitance
trr
CD
pF
ns
Forward voltage
IF = 100mA
VF
IF = 200mA
IF = IR = 30mA, RL = 100Ω, Irr = 3mA
VR = 0V, f = 1MHz
V
Min
1.0
1.25
5
50
Fig.1 - Forward Characteristics
Forward Voltage, VF (mV)
200
400
1000
600
Fig.2 - Reverse Characteristics
Reverse Voltage, VR (V)
0
1
10
100
200
100
Reverse Voltage, VR (V)
Fig.3 - Capacitance Characteristics
0
10
5
30
2
3
1
0
QW-J0052
Reverse current
IR
nA
VR = 200V
100
V
Breakdown voltage
VR
IR = 10µA
200
20
4
0
800
1
10
100
0.1
0.01
0.001
T=25°C
T=75°C
T=125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com