Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS416-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BAS416-HF
Description  Small-Signal Fast Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAS416-HF Datasheet(HTML) 2 Page - Comchip Technology

  BAS416-HF Datasheet HTML 1Page - Comchip Technology BAS416-HF Datasheet HTML 2Page - Comchip Technology BAS416-HF Datasheet HTML 3Page - Comchip Technology BAS416-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Rating and Characteristic Curves (BAS416-HF)
Comchip Technology CO., LTD.
Page 2
REV:A
Small-Signal Fast Switching Diodes
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Parameter
Reverse leakage current
Symbol
Conditions
Max
Unit
IR
nA
Reverse recovery time
Capacitance
trr
C
pF
µS
Forward voltage
IF = 1mA
VF
V
IF = 10mA
IF = 50mA
IF = 150mA
IF = IR =10mA, Irr = 0.1 x IR, RL = 100Ω
VR = 0V, f = 1MHz
Breakdown voltage
VR = 75V
VR
V
Min
QW-J0049
IR = 100µA
100
0.9
1.0
1.1
1.25
5
4
3
Fig.1 - Typical Instantaneous Forward
Characteristics
Instantaneous Forward Current, (mA)
50
100
200
1000
150
700
1100
Fig.2 - Typical Reverse Characteristics
Reverse Voltage, VR (V)
0
1
10
100
20
40
60
80
900
800
600
TJ=125°C
TJ=25°C
TJ=75°C
10
30
50
70
TJ=25°C
TJ=75°C
TJ=125°C
Reverse Voltage, VR (V)
Fig.3 - Typical Junction Capacitance
0
10
2.8
20
2.0
2.4
1.6
5
15
1.2
f=1MHz
TJ=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com