Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS105B0MB Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLS105B0MB
Description  OPTIREG™ linear voltage regulator TLS105B0MB High-precision voltage tracker
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS105B0MB Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLS105B0MB Datasheet HTML 16Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 17Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 18Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 19Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 20Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 21Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 22Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 23Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Based on the above calculation the proper PCB type and the necessary heat sink area can be determined with
reference to the specification in Table 4.
Example
Application conditions:
•
VIN = 13.5 V
•
VOUT = VADJ = 5 V
•
IOUT = 20 mA
•
Ta = 125°C
Calculation of RthJA,max:
PD= VIN−VOUT ×IOUT+VIN×Iq= 13.5V−5V ×20mA+13.5V×0.9mA=0.182W
Equation 3
RthJA,max=Tj,max−Ta
PD =150°C−125°C
0
.182W =137K/W
Equation 4
As a result, the PCB design must ensure a thermal resistance RthJA,max lower than 137 K/W.
According to Table 4, at least 300 mm2 heatsink area is required on the FR4 1s0p PCB, or the FR4 2s2p board can
be used.
OPTIREG™ linear voltage regulator TLS105B0MB
High-precision voltage tracker
5 Application information
Datasheet
21
Rev. 1.14
2023-07-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com