Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516H-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BAS516H-HF
Description  SMD Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAS516H-HF Datasheet(HTML) 2 Page - Comchip Technology

  BAS516H-HF Datasheet HTML 1Page - Comchip Technology BAS516H-HF Datasheet HTML 2Page - Comchip Technology BAS516H-HF Datasheet HTML 3Page - Comchip Technology BAS516H-HF Datasheet HTML 4Page - Comchip Technology BAS516H-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Switching Diodes
QW-J0015
Comchip Technology CO., LTD.
Electrical Characteristics (at TA=25°C unless otherwise noted)
Parameter
Conditions
Min.
Max.
Unit
Typ.
Reverse current
VR=25V
Reverse voltage
V
IR=100µA
75
VR=75V
Forward voltage
30
1
0.715
0.855
1
1.25
1
4
V
V
nA
µA
V
V
ns
pF
Total capacitance
Reverse recovery time
VR=0V, f=1MHz
IF=IR=10mA, Irr=0.1*IR, RL=100Ω
IF=1mA
IF=10mA
IF=50mA
IF=150mA
Symbol
IR
V(BR)
VF
Ctod
trr
0
75
25
50
1
Fig.2 - Reverse Characteristics
10000
1000
100
10
Reverse Voltage, VR (V)
Fig.4 - Power Derating Curve
Ambient Temperature, TA (°C)
0
200
150
100
50
0
150
25
50
75
100
125
Fig.3 - Capacitance Characteristics
0.01
100
10
1
0.1
250
0.0
1.2
0.2
0.4
0.6
0.8
1.0
Forward Voltage, VF (V)
Fig.1 - Forward Characteristics
Reverse Voltage, VR (V)
0
20
5
10
15
0.7
1.1
0.8
0.9
1.0
Ta=25°C
f=1MHz
Rating and Characteristic Curves (BAS516H-HF)
REV:C
Page 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com