Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS810D1 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLS810D1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS810D1 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLS810D1 Datasheet HTML 21Page - Infineon Technologies AG TLS810D1 Datasheet HTML 22Page - Infineon Technologies AG TLS810D1 Datasheet HTML 23Page - Infineon Technologies AG TLS810D1 Datasheet HTML 24Page - Infineon Technologies AG TLS810D1 Datasheet HTML 25Page - Infineon Technologies AG TLS810D1 Datasheet HTML 26Page - Infineon Technologies AG TLS810D1 Datasheet HTML 27Page - Infineon Technologies AG TLS810D1 Datasheet HTML 28Page - Infineon Technologies AG TLS810D1 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Data Sheet
25
Rev. 1.1 2015-11-02
TLS810D1EJ/LDV50
Application Information
6
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
6.1
Application Diagram
Figure 9
Application Diagram
6.2
Selection of External Components
6.2.1
Input Pin
The typical input circuitry for a linear voltage regulator is shown in the application diagram above.
A ceramic capacitor at the input, in the range of 100 nF to 470 nF, is recommended to filter out the high
frequency disturbances imposed by the line e.g. ISO pulses 3a/b. This capacitor must be placed very close to
the input pin of the linear voltage regulator on the PCB.
An aluminum electrolytic capacitor in the range of 10 µF to 470 µF is recommended as an input buffer to
smooth out high energy pulses, such as ISO pulse 2a. This capacitor should be placed close to the input pin of
the linear voltage regulator on the PCB.
An overvoltage suppressor diode can be used to further suppress any high voltage beyond the maximum
rating of the linear voltage regulator and protect the device against any damage due to over-voltage.
The external components at the input are not mandatory for the operation of the voltage regulator, but they
are recommended in case of possible external disturbances.
TLS810D1
Q
I
EN
RO
D
Regulated
Output Voltage
IQ
CQ
1μF
CD
100nF
Supply
100nF
10μF
CI1
CI2
<45V
DI2
II
GND
e.g. Ignition
Load
(e.g.
Micro
Controller)
GND
RRO
DI1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com