Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BAV20WS-HF
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAV20WS-HF Datasheet(HTML) 2 Page - Comchip Technology

  BAV20WS-HF Datasheet HTML 1Page - Comchip Technology BAV20WS-HF Datasheet HTML 2Page - Comchip Technology BAV20WS-HF Datasheet HTML 3Page - Comchip Technology BAV20WS-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
SMD Switching Diode
Reverse voltage
Typical Rating and Characteristic Curves (BAV19WS-HF Thru. BAV21WS-HF)
Comchip Technology CO., LTD.
Page 2
QW-J0037
Parameter
Symbol
Conditions
Max
Unit
VR = 100V
IR
μA
0.1
IB = 100µA
VRB
120
V
Min
200
250
BAV19WS-HF
BAV20WS-HF
BAV21WS-HF
BAV19WS-HF
BAV20WS-HF
BAV21WS-HF
VR = 150V
VR = 200V
trr
nS
50
C
pF
5
VR = 0V, f = 1MHz
IF = 100mA
VF
V
1.25
1.0
IF = 200mA
Reverse leakage current
Forward voltage
Reverse recovery time
Capacitance
IF = 30mA, IR = 30mA, RL =100Ω,
IRR = 3mA
Fig.3 - Capacitance Characteristics
Reverse Voltage, VR (V)
0
0.4
5
10
15
20
1.0
1.2
1.4
0.8
0.6
Ta=25°C
f=1MHz
Fig.1 - Forward Characteristics
Forward Voltage, VF (V)
0.2
1
0.4
0.6
0.8
1.0
1.2
1.4
10
100
400
Ta=100°C
Ta=25°C
Fig.4 - Power Derating Curve
Ambient Temperature, TA (°C)
0
0
25
50
75
100
125
150
200
250
300
50
150
100
Fig.2 - Reverse Characteristics
Reverse Voltage, VR (V)
1
0.1
50
100
150
200
250
10
100
Ta=100°C
Ta=25°C
1000
1
REV:A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com