Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7021 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA7021
Description  FM radio circuit for MTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7021 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA7021 Datasheet HTML 1Page - NXP Semiconductors TDA7021 Datasheet HTML 2Page - NXP Semiconductors TDA7021 Datasheet HTML 3Page - NXP Semiconductors TDA7021 Datasheet HTML 4Page - NXP Semiconductors TDA7021 Datasheet HTML 5Page - NXP Semiconductors TDA7021 Datasheet HTML 6Page - NXP Semiconductors TDA7021 Datasheet HTML 7Page - NXP Semiconductors TDA7021 Datasheet HTML 8Page - NXP Semiconductors TDA7021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
May 1992
4
Philips Semiconductors
Product specification
FM radio circuit for MTS
TDA7021T
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
DC CHARACTERISTICS
VP = 3 V, Tamb = 25 °C, measured in circuit of Fig.4, unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
MAX.
UNIT
Supply voltage (pin 4)
VP = V4-3
−
7,0
V
Oscillator voltage
V5-4
VP−0,5
VP + 0,5
V
Storage temperature range
Tstg
−55
+150
°C
Operating ambient temperature range
Tamb
−10
+70
°C
From junction to ambient
Rth j-a
300
K/W
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage (pin 4)
VP = V4-3
1,8
3,0
6,0
V
Supply current
VP = 3 V
I4
−
6,3
−
mA
Oscillator current
I5
−
250
−µA
Voltage at pin 13
V13-3
−
0,9
−
V
Output voltage (pin 14)
V14-3
−
1,3
−
V
Fig.2 Supply current as a function of the supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com