Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC161 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC161
Description  Synchronous Decade Counter with Asynchronous Clear
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC161 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54HC161 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC161 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC161 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC161 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC161 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC161 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed Limit
Units
fMAX
Maximum Operating Frequency
43
30
MHz
tPHL tPLH
Maximum Propagation Delay Clock to RC
30
35
ns
tPHL tPLH
Maximum Propagation Delay Clock to Q
29
34
ns
tPHL tPLH
Maximum Propagation Delay ENT to RC
18
32
ns
tPHL
Maximum Propagation Delay Clear to Q or RC
27
38
ns
tREM
Minimum Removal Time Clear to Clock
10
20
ns
tS
Minimum Set Up Time Clear Load
30
ns
Enable or Data to Clock
tH
Minimum Hold Time Data from Clock
5
ns
tW
Minimum Pulse Width Clock
16
ns
Clear or Load
AC Electrical Characteristics CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating
20V
10
5
4
4
MHz
Frequency
45V
40
27
21
18
MHz
60V
45
32
25
21
MHz
tPHL
Maximum Propagation
20V
100
215
271
320
ns
Delay Clock to RC
45V
32
43
54
64
ns
60V
28
37
46
54
ns
tPLH
Maximum Propagation
20V
88
175
220
260
ns
Delay Clock to RC
45V
18
35
44
52
ns
60V
15
30
37
44
ns
tPHL
Maximum Propagation
20V
95
205
258
305
ns
Delay Clock to Q
45V
30
41
52
61
ns
60V
26
35
44
52
ns
tPLH
Maximum Propagation
20V
85
170
214
253
ns
Delay Clock to Q
45V
17
34
43
51
ns
60V
14
29
36
43
ns
tPHL
Maximum Propagation
20V
90
195
246
291
ns
Delay ENT to RC
45V
28
39
49
58
ns
60V
24
33
42
49
ns
tPLH
Maximum Propagation
20V
80
160
202
238
ns
Delay ENT to RC
45V
16
32
40
48
ns
60V
14
27
34
41
ns
tPHL
Maximum Propagation
20V
100
220
275
325
ns
Delay Clear to RC
45V
32
44
55
66
ns
60V
28
37
47
55
ns
tPHL
Maximum Propagation
20V
100
210
260
315
ns
Delay Clear to Q
45V
32
42
52
63
ns
60V
28
36
45
54
ns
tREM
Minimum Removal Time
20V
125
158
186
ns
Clear to Clock
45V
25
32
37
ns
60V
21
27
32
ns
tS
Minimum Setup
20V
150
190
225
ns
Time Clear or Data
45V
30
38
45
ns
to Clock
60V
26
32
38
ns
tS
Minimum Setup
20V
135
170
200
ns
Time Load
45V
27
34
41
ns
to Clock
60V
23
29
35
ns
tS
Minimum Setup
20V
175
220
260
ns
Time Enable
45V
35
44
52
ns
to Clock
60V
30
37
44
ns
tH
Minimum Hold Time
20V
50
63
75
ns
Data from Clock
45V
10
13
15
ns
60V
9
11
13
ns
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com