Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7053AT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA7053AT
Description  Stereo BTL audio output amplifier with DC volume control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7053AT Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA7053AT Datasheet HTML 1Page - NXP Semiconductors TDA7053AT Datasheet HTML 2Page - NXP Semiconductors TDA7053AT Datasheet HTML 3Page - NXP Semiconductors TDA7053AT Datasheet HTML 4Page - NXP Semiconductors TDA7053AT Datasheet HTML 5Page - NXP Semiconductors TDA7053AT Datasheet HTML 6Page - NXP Semiconductors TDA7053AT Datasheet HTML 7Page - NXP Semiconductors TDA7053AT Datasheet HTML 8Page - NXP Semiconductors TDA7053AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1997 Jul 15
4
Philips Semiconductors
Product specification
Stereo BTL audio output amplifier with DC
volume control
TDA7053A
PINNING
SYMBOL
PIN
DESCRIPTION
n.c.
1
not connected
VC1
2
DC volume control 1
n.c.
3
not connected
VI (1)
4
voltage input 1
VP
5
positive supply voltage
VI (2)
6
voltage input 2
SGND
7
signal ground
VC2
8
DC volume control 2
OUT2+
9
positive output 2
PGND2
10
power ground 2
n.c.
11
not connected
OUT2
−
12
negative output 2
OUT1
−
13
negative output 1
PGND1
14
power ground 1
n.c.
15
not connected
OUT1+
16
positive output 1
Fig.2 Pin configuration.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VC1
n.c.
VP
I (1)
V
I (2)
V
SGND
VC2
OUT1
PGND1
PGND2
OUT1
OUT2
OUT2
n.c.
TDA7053A
TDA7053AT
n.c.
n.c.
MSA719 - 2
FUNCTIONAL DESCRIPTION
The TDA7053A and TDA7053AT are stereo output
amplifiers with two DC volume control stages, designed for
TV and monitors, but also suitable for battery-fed portable
recorders and radios.
In conventional DC volume control circuits the control or
input stage is AC coupled to the output stage via external
capacitors to keep the offset voltage low.
The two DC volume control stages are integrated into the
input stages so that no coupling capacitors are required
and a low offset voltage is still maintained. The minimum
supply voltage also remains low.
The BTL principle offers the following advantages:
• Lower peak value of the supply current
• The frequency of the ripple on the supply voltage is twice
the signal frequency.
Consequently, a reduced power supply with smaller
capacitors can be used which results in cost reductions.
For portable applications there is a trend to decrease the
supply voltage, resulting in a reduction of output power at
conventional output stages. Using the BTL principle
increases the output power.
The maximum gain of the amplifier is fixed at 40.5 dB.
The DC volume control stages have a logarithmic control
characteristic. Therefore, the total gain can be controlled
from +40.5 to
−33 dB.
If the DC volume control voltage falls below 0.4 V, the
device will switch to the mute mode.
The amplifier is short-circuit protected to ground, VP and
across the load. A thermal protection circuit is also
implemented. If the crystal temperature rises above
150
°C the gain will be reduced, thereby reducing the
output power.
Special attention is given to switch-on and switch-off
clicks, low HF radiation and a good overall stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com