Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3443DVPBF Datasheet(PDF) 2 Page - InterFET Corporation

Part # SI3443DVPBF
Description  HEXFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

SI3443DVPBF Datasheet(HTML) 2 Page - InterFET Corporation

  SI3443DVPBF Datasheet HTML 1Page - InterFET Corporation SI3443DVPBF Datasheet HTML 2Page - InterFET Corporation SI3443DVPBF Datasheet HTML 3Page - InterFET Corporation SI3443DVPBF Datasheet HTML 4Page - InterFET Corporation SI3443DVPBF Datasheet HTML 5Page - InterFET Corporation SI3443DVPBF Datasheet HTML 6Page - InterFET Corporation SI3443DVPBF Datasheet HTML 7Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Si3443DVPbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.2
V
TJ = 25°C, IS = -1.7A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
51
77
ns
TJ = 25°C, IF = -1.7A
Qrr
Reverse Recovery Charge
–––
30
44
nC
di/dt = -100A/µs
‚
Source-Drain Ratings and Characteristics
A
-20
–––
–––
–––
-2.0
–––
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 300µs; duty cycle ≤ 2%.
ƒ Surface mounted on FR-4 board, t ≤ 5sec.
„ Starting TJ = 25°C, L = 6.8mH
RG = 25Ω, IAS = -3.0A.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.005 –––
V/°C
Reference to 25°C, ID = -1mA
–––
0.034 0.065
VGS = -4.5V, ID = -4.4A
‚
–––
0.053 0.090
Ω
VGS = -2.7V, ID = -3.7A
‚
–––
0.060 0.100
VGS = -2.5V, ID = -3.5A
‚
VGS(th)
Gate Threshold Voltage
-0.60
–––
-1.2
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
–––
12
–––
S
VDS = -10V, ID = -4.4 A
–––
–––
-1.0
µA
VDS = -20V, VGS = 0V
–––
–––
-5.0
VDS = -20V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
–––
-100
nA
VGS = -12V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 12V
Qg
Total Gate Charge
–––
11
15
ID = -4.4A
Qgs
Gate-to-Source Charge
–––
2.2
–––
nC
VDS = -10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.9
–––
VGS = -4.5V
‚
td(on)
Turn-On Delay Time
–––
12
50
VDD = -10V, VGS = -4.5V
‚
tr
Rise Time
–––
33
60
ns
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
70
100
RG = 6.0 Ω
tf
Fall Time
–––
72
100
RD = 10 Ω,
‚
Ciss
Input Capacitance
–––
1079 –––
VGS = 0V
Coss
Output Capacitance
–––
220
–––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
–––
152
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com