Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5711-1/2 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH5711-1/2
Description  High Accuracy Ambient Light Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5711-1/2 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH5711-1/2 Datasheet HTML 1Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 2Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 3Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 4Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 5Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 6Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 7Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 8Page - OSRAM GmbH SFH5711-1/2 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2007-04-03
3
SFH 5711
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min.
typ.
max.
Stromaufnahme,
E
V = 0
Current consumption
V
CC = 2.5 V
V
CC = 5.0 V
I
CC
410
420
500
μA
Stromaufnahme,
E
V = 1000lx
Current consumption,
E
V = 1000lx
V
CC = 2.5 V
V
CC = 5.0 V
I
CC
460
470
550
μA
Spektraler Bereich der Fotoempfindlichkeit
Spectral range of sensitivity
λ
10%
475 ...
650
nm
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. photosensitivity
λ
s max
540
555
570
nm
Abmessung der bestrahlungsempfindlichen
Fläche
Dimensions of radiant sensitive area
L x B
L x W
0.4 x
0.4
mm x mm
Ausgangskapazität
Output capacitance
C
OUT
3
pF
Transferfunktion
Transfer function, s. Fig. 1
G
9.5
10
10.5
µA / dek
µA / dec
Abweichung der Ausgangskennlinie von der
Logarithmierfunktion
Deviation of outputcharacteristic from logarithmic
function, s. Fig. 1
L
- 3
+ 3
%
Maximale Ausgangsspannung
Maximum output voltage
VOUT
V
CC
- 0.5
V
Einschaltzeit, E
V = 1000 lx
Power on time, E
V = 1000 lx
V
CC = 0V -> VCC
t
ON
0.1
1.2
ms
Antwortzeit, R
L = 25 kOhm, C = 1 nF
Response time, s. Fig. 2
E
V = 100 -> 1000 lx
E
V = 1000 -> 100 lx
t
r / tf
0.03
0.1
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com