Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5711-3/4 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH5711-3/4
Description  High Accuracy Ambient Light Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5711-3/4 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH5711-3/4 Datasheet HTML 1Page - OSRAM GmbH SFH5711-3/4 Datasheet HTML 2Page - OSRAM GmbH SFH5711-3/4 Datasheet HTML 3Page - OSRAM GmbH SFH5711-3/4 Datasheet HTML 4Page - OSRAM GmbH SFH5711-3/4 Datasheet HTML 5Page - OSRAM GmbH SFH5711-3/4 Datasheet HTML 6Page - OSRAM GmbH SFH5711-3/4 Datasheet HTML 7Page - OSRAM GmbH SFH5711-3/4 Datasheet HTML 8Page - OSRAM GmbH SFH5711-3/4 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SFH 5711
2007-04-03
4
Figure 1
Ersatzschaltbild
Circuitry
Ausgangsgenauigkeit über Temperaturbereich
1)
Output accuracy over temperature range
1)
E
V = 1000 lx
T
A = – 40 °C ... + 100 °C
T
A = – 30 °C ... + 70 °C
T
A = 0 °C ... + 50 °C
ΔI
OUT
− 2.0
− 1.5
− 0.7
± 1.0
± 0.6
± 0.2
+ 2.0
+ 1.5
+ 0.7
µA
Ausgangsdunkelstrom,
E
V = 0
Output dark current
I
out
0.1
100
nA
1)
Diese Werte entsprechen einer Photodiode mit einem TC von ungefähr 0.3 %/K.
These values correspond to a photodiode with a TC of approximately 0.3 %/K.
Gruppierung (
T
A = 25 °C)
Binning
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
-1
-2
-3
-4
Ausgangsstrom
1)
Output current
E
V = 1000lx (white LED LW 541C)
1)
3µA Gruppenbreite entspricht einem Verhältnis von 1:2 in der Bestrahlungsstärke.
3µA bin width is equivalent to a spread of 1:2 of the irradiance.
I
out
25 ... 28
27 ... 30
29 ... 32
31 ... 34
μA
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min.
typ.
max.
OHF03997
log
GND
CC
V
V
EIout
out
I
= S x log ( V
E /EO)
with
EO = 1lx / Sensitivity S = 10 µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com