Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7072AT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA7072AT
Description  Single BTL power driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7072AT Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA7072AT Datasheet HTML 1Page - NXP Semiconductors TDA7072AT Datasheet HTML 2Page - NXP Semiconductors TDA7072AT Datasheet HTML 3Page - NXP Semiconductors TDA7072AT Datasheet HTML 4Page - NXP Semiconductors TDA7072AT Datasheet HTML 5Page - NXP Semiconductors TDA7072AT Datasheet HTML 6Page - NXP Semiconductors TDA7072AT Datasheet HTML 7Page - NXP Semiconductors TDA7072AT Datasheet HTML 8Page - NXP Semiconductors TDA7072AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
July 1994
4
Philips Semiconductors
Objective specification
Single BTL power driver
TDA7072A/AT
FUNCTIONAL DESCRIPTION
The TDA7072A/AT are single power driver circuits in a
BTL configuration, intended for use as a power driver for
servo systems with a single supply. They are particular
designed for compact disc players and are capable of
driving focus, tracking, sled functions and spindle motors.
Because of the BTL configuration, the devices can supply
a bi-directional DC current in the load, with only a single
supply voltage. The voltage gain is fixed by internal
feedback at 33.5 dB and the devices operate in a wide
supply voltage range (3 to 18 V). The devices can supply
a maximum output current of 0.6 A. The outputs can be
short-circuited over the load, to the supply and to ground
at all input conditions. The differential inputs can handle
common mode input voltages from ground level up to
(VP −2.2 V). The devices have a very high slew rate. Due
to the large bandwidth, they can handle PWM signals up
to 176 kHz.
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134.
Note to the limiting values
The outputs can be short-circuited over the load, to the supply and to ground at all input conditions.
THERMAL RESISTANCE
Note to the thermal resistance
TDA7072A: VP = 5 V; RL = 8 Ω; The typical voltage swing = 5.8 V and Vloss is 2.1 V therefore IO = 0.36 A and
Ptot = 0.76 W; Tamb (max) = 150 − 0.76 × 100 = 74 °C
TDA7072AT: VP = 5 V; RL = 16 typical voltage swing = 5.8 V and Vloss is 2.1 V therefore IO = 0.18 A and Ptot = 0.38 W;
Tamb (max) = 150 − 0.38 × 155 = 91 °C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
positive supply voltage range
−
18
V
IORM
repetitive peak output current
−
1A
IOSM
non repetitive peak output current
−
1.5
A
Ptot
total power dissipation
Tamb < 25 °C
TDA7072A
−
1.25
W
TDA7072AT
−
0.54
W
Tstg
storage temperature range
−55
+150
°C
Tvj
virtual junction temperature
−
+150
°C
Tsc
short-circuit time
see note
−
1hr
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
TDA7072A
100 K/W
TDA7072AT
155 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com