Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF65 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CMF65
Description  Metal Film Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMF65 Datasheet(HTML) 2 Page - Vishay Siliconix

  CMF65 Datasheet HTML 1Page - Vishay Siliconix CMF65 Datasheet HTML 2Page - Vishay Siliconix CMF65 Datasheet HTML 3Page - Vishay Siliconix CMF65 Datasheet HTML 4Page - Vishay Siliconix CMF65 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMF (Military RN and RL)
Metal Film Resistors, Military,
MIL-R-10509 Qualified, Type RN
and MIL-PRF-22684 Qualified, Type RL
Vishay Dale
Document Number: 31027
For technical questions, contact: ff2bresistors@vishay.com
www.vishay.com
Revision: 28-Aug-06
45
GLOBAL PART NUMBER INFORMATION
MATERIAL SPECIFICATIONS
Element:
Nickel-chrome alloy
Coating:
Flame retardant epoxy, formulated for
superior moisture protection
Core:
Fire-cleaned high purity ceramic
Termination:
Standard lead material is solder-coated
copper. Solderable and weldable.
APPLICABLE MIL-SPECS
MIL-R-10509 and MIL-PRF-22684: The CMF models meet or
exceed the electrical, environmental and dimensional requirements
of MIL-R-10509 and MIL-PRF-22684.
Noise: Vishay Dale metal film resistors have exceptionally low
noise level. Average for standard resistance range is 0.10
micro-volt per volt over a decade of frequency, with low and
intermediate resistance values typically below 0.05 micro-volt per
volt.
CAGE CODE: 91637
ENVIRONMENTAL SPECIFICATIONS
General:
Environmental performance is shown in the
Environmental
Performance
table.
Test
methods are those specified in MIL-R-10509
and MIL-PRF-22684.
Shelf Life:
Resistance shifts due to storage at room
temperature are negligible.
Vishay Dale CMF resistors have an operating temperature range of
- 65 °C to + 175 °C. They must be derated according to the
following curves:
MIL STYLE
CHARACTERISTIC
RESISTANCE
TOLERANCE
VALUE
CODE
RN50
E = 25 ppm
3 digit significant
B = ± 0.1 %
B14 = Tin/Lead, Bulk
RN55
C = 50 ppm
figure, followed by
C = ± 0.25 %
R36 = Tin/Lead, T/R (Full)
D = ± 0.5 %
RE6 = Tin/Lead, T/R (1000 pcs)
(up to 1 digit)
0
R
0
1
= 10
Ω
2
5
1
2
= 21.5 k
Ω
2494 = 2.49 M
Ω
New Global Part Numbering: RN60D3483FR36 (preferred part numbering format)
RN
6
0
D
3
4
8
3F
R
3
6
Historical Part Number example: RN60D3483F (will continue to be accepted)
3
8
4
3
D
0
6
N
R
MIL STYLE
CHARACTERISTIC
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
MIL STYLE
LEAD MATERIAL
RESISTANCE
TOLERANCE
PACKAGING
VALUE
CODE
RL07
S = Solderable
2 digit significant
G = ± 2 %
B14 = Tin/Lead, Bulk
RL20
figure, followed by
J = ± 5 %
R36 = Tin/Lead, T/R (Full)
a multiplier
RE6 = Tin/Lead, T/R (1000 pcs)
4R3 = 4.3
Ω
202 = 2.0 k
Ω
474 = 470 k
Ω
New Global Part Numbering: RL07S471JR36 (preferred part numbering format)
Historical Part Number example: RL07S471J (will continue to be accepted)
MIL STYLE
LEAD MATERIAL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
R
L
0
7
S
4
7
1JR
3
6
RN65
RN70
RN60
= 100 ppm
a multiplier
D
F = ± 1 %
Blank = Standard
(Dash Number)
R36
F
PACKAGING
SPECIAL
RL07
S
471
J
R36
AMBIENT TEMPERATURE
°C
120
100
80
60
40
20
0
50
70
90
110
130
150
170
MIL-R-10509
Char. C & E Rating
MIL-R-10509
Char. D Rating
MIL-PRF-22684
DERATING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com