Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7073AT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA7073AT
Description  Dual BTL power driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7073AT Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA7073AT Datasheet HTML 1Page - NXP Semiconductors TDA7073AT Datasheet HTML 2Page - NXP Semiconductors TDA7073AT Datasheet HTML 3Page - NXP Semiconductors TDA7073AT Datasheet HTML 4Page - NXP Semiconductors TDA7073AT Datasheet HTML 5Page - NXP Semiconductors TDA7073AT Datasheet HTML 6Page - NXP Semiconductors TDA7073AT Datasheet HTML 7Page - NXP Semiconductors TDA7073AT Datasheet HTML 8Page - NXP Semiconductors TDA7073AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 Aug 30
4
Philips Semiconductors
Product specification
Dual BTL power driver
TDA7073A; TDA7073AT
PINNING
SYMBOL
PIN
DESCRIPTION
IN1
−
1
negative input 1
IN1
+
2
positive input 1
n.c.
3
not connected
n.c.
4
not connected
VP
5
positive supply voltage
IN2
+
6
positive input 2
IN2
−
7
negative input 2
n.c.
8
not connected
OUT2
+
9
positive output 2
GND2
10
ground 2
n.c.
11
not connected
OUT2
−
12
negative output 2
OUT1
−
13
negative output 1
GND1
14
ground 1
n.c.
15
not connected
OUT1
+
16
positive output 1
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TDA7073A
TDA7073AT
OUT1+
GND1
P
V
n.c.
IN1–
IN1+
n.c.
OUT1 –
OUT2 –
n.c.
GND2
OUT2 +
n.c.
n.c.
IN2 –
IN2 +
MCD381
FUNCTIONAL DESCRIPTION
The TDA7073A/AT are dual power driver circuits in a BTL
configuration, intended for use as a power driver for servo
systems with a single supply. They are particular designed
for compact disc players and are capable of driving focus,
tracking, sled functions and spindle motors.
Because of the BTL configuration, the devices can supply
a bi-directional DC current in the load, with only a single
supply voltage. The voltage gain is fixed by internal
feedback at 33.5 dB and the devices operate in a wide
supply voltage range (3 to 18 V). The devices can supply
a maximum output current of 0.6 A. The outputs can be
short-circuited over the load, to the supply and to ground
at all input conditions. The differential inputs can handle
common mode input voltages from ground level up to
(VP − 2.2 V with a maximum of 10 V). The devices have a
very high slew rate. Due to the large bandwidth, they can
handle PWM signals up to 176 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com