Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS92 Datasheet(PDF) 1 Page - Bi technologies

Part # HS92
Description  10Base Networking Products
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HS92 Datasheet(HTML) 1 Page - Bi technologies

  HS92 Datasheet HTML 1Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
121
DRAFT
• Meets the required 1500 Vrms line isolation
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• RoH
R
R
S Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C

Electrical / Environmental
10Base Networking Products
RoHS
Compliant
for
‘LF’ Models
Notes:
(1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering, e.g. HS92-02085TR or HS92-02085LFTR
(for RoHS Compliant)
(2) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HS92-02085LF or HS92-02085LFTR (for Tape & Reel)
(3) Contact BI Technologies for RoHS compliant part availability.
(4) Tube Packaging only.
DRAFT
DRAFT
(5) IC to Cable side: C is Common Mode Choke, F is Low Pass Filter and T is Transformer
DRAFT
DRAFT
(6) Turns Ratio is IC to Cable side
(7) Operating Temperature Range: -40°C ~ +105°C
Specifications
Pitch
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
50 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
100 mil
50 mil
50 mil
50 mil
50 mil
50 mil
BI P/N1
HS00-00041
HS00-000787
HS00-00205
HS00-01005
HS00-01107
HS00-02014
HS00-98029
HS00-99118
HS92-00223
HS92-01001
HS92-02085
HS92-05158
HS92-05171
HS92-06143
HS92-98703
HS92-A1041
HS00-01015
HS00-01534
HS00-04133
HS00-05156
HS00-A1073
HS92-03028
HS92-05168
HS00-000994
HS00-030924
HS00-982714
HS00-982734
HS00-991504
HS00-000444
HS00-01111
HS00-98260
HS00-98261
HS00-98262
HS00-98263
Ports
Supported
1
1
1
1
1
1
1
1
1
1
1
1
4(Rx)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
4
4
4
4
4
Tx
T, C
T, C
T, C
T
T
T,C
T
T, C
T, C
T, C
T
T, C
-
T, C
T, C
T, C
F, T, C
F, T, C
F, T, C
F, T, C
T, C
F, T, C
F, T, C
F, T, C
F, T, C
F, T, C
F, T, C
F, T, C
F, T, C
T, C
T
T, C
T, C
T
Rx
T
T, C
T, C
T
T
T,C
T
T
T, C
T, C
T
T
T
T
T, C
T, C
F, T, C
F, T, C
F, T
F, T
T, C
F, T, C
F, T, C
F, T, C
F, T, C
F, T
F, T
F, T, C
F, T, C
T
T
T
T
T
Configuration5
Tx
1CT:
√2CT
1CT:1CT
1CT:2CT
1CT:
√2CT
1CT:1CT
1CT:1CT
1CT:2CT
1CT:2CT
1CT:2CT
1CT:
2.5CT
1CT:
√2CT
2CT:1CT
-
1CT:2CT
1CT:2CT
1CT:2.5CT
1CT:1CT
1CT:1CT
1CT:1
1CT:1CT
1:
√2
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1:1
ICT:1CT
1CT:
√2CT
1CT:
√2CT
1CT:1CT
1CT:1CT
Rx
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1:1
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1
1CT:1CT
1:1
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1:1
1:1
1:1
1:1
1:1
1:1
Turns Ratio6
RoHS2
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
LF
3
LF
LF
3
3
3
3
3
3
LF
LF
LF
LF
LF
Style
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin SMT
16-pin DIL
16-pin DIL
16-pin DIL
16-pin DIL
16-pin DIL
10-pin SIL
40-pin SMT
40-pin SMT
40-pin SMT
40-pin SMT
40-pin SMT
Length
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
12.70
25.40
25.40
25.40
25.40
23.37
25.40
25.40
20.20
25.40
20.20
20.20
20.20
25.40
29.80
29.80
29.80
29.80
29.80
Width
9.65
9.65
9.65
9.40
9.65
9.65
9.65
9.35
9.53
9.40
9.65
9.53
9.53
9.53
9.53
9.65
12.70
12.70
12.70
12.70
13.20
12.70
12.70
10.18
10.50
10.18
10.18
10.18
5.33
16.26
16.26
16.26
16.26
16.26
Height
6.22
6.22
6.22
5.08
6.22
6.22
6.22
6.22
6.22
5.08
6.22
5.08
5.08
6.22
6.22
6.22
7.00
7.00
7.00
7.00
6.35
7.00
7.00
6.50
6.35
6.50
6.50
6.50
11.43
6.95
6.95
6.95
6.95
6.95
Hi-Pot
(Vrms)
1500
1500
2000
1500
2000
1500
1500
1500
1500
2000
2000
1500
1500
1500
1500
2000
1500
1500
1500
1500
1500
1500
1500
2000
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
Package (mm)


Similar Part No. - HS92

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS9-1135RH-Q RENESAS-HS9-1135RH-Q Datasheet
635Kb / 12P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
May 5, 2025
logo
Intersil Corporation
HS9-1135RH/PROTO INTERSIL-HS9-1135RH/PROTO Datasheet
258Kb / 9P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
April 6, 2009
logo
Renesas Technology Corp
HS9-1135RH/PROTO RENESAS-HS9-1135RH/PROTO Datasheet
635Kb / 12P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
May 5, 2025
logo
Intersil Corporation
HS9-1254RH INTERSIL-HS9-1254RH Datasheet
18Kb / 3P
Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
1998 04
HS9-1254RH-Q INTERSIL-HS9-1254RH-Q Datasheet
18Kb / 3P
Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
1998 04
More results

Similar Description - HS92

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
logo
List of Unclassifed Man...
HS91 ETC1-HS91 Datasheet
147Kb / 2P
e10/100Base Networking Products
logo
Integrated Circuit Syst...
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
logo
Bi technologies
HS00 BITECH-HS00 Datasheet
405Kb / 3P
Gigabit Ethernet Networking Products
logo
XFMRS Inc.
XF6001 XFMRS-XF6001 Datasheet
44Kb / 1P
HOME PHONE NETWORKING BANDPASS AND 10BASE-T FILTER
logo
Bud Industries, Inc.
UN-8080 BUD-UN-8080 Datasheet
120Kb / 1P
UNIVERSAL NETWORKING CABINET
logo
Tyco Electronics
TR600-150QF-EX-B-0.5 MACOM-TR600-150QF-EX-B-0.5 Datasheet
327Kb / 22P
Telecommunications & Networking Devices
logo
XFMRS Inc.
XF6001 XFMRS-XF6001 Datasheet
44Kb / 1P
HOME PHONE NETWORKING BANDPASS AND 10BASE-T FILTER
logo
Abracon Corporation
ARJE-0051 ABRACON-ARJE-0051 Datasheet
1Mb / 4P
Networking equipment
09/26/2016
logo
NXP Semiconductors
S32G3 NXP-S32G3 Datasheet
1Mb / 131P
FlexRay networking with high data rate Ethernet networking
Rev. 2 - 02/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com