Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT81 Datasheet(PDF) 2 Page - Bi technologies

Part # HT81
Description  HDSL, HDSL2 Coupling Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HT81 Datasheet(HTML) 2 Page - Bi technologies

  HT81 Datasheet HTML 1Page - Bi technologies HT81 Datasheet HTML 2Page - Bi technologies HT81 Datasheet HTML 3Page - Bi technologies HT81 Datasheet HTML 4Page - Bi technologies HT81 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
6-150
Model HT81 Series
Open Circuit
Return
Insertion
Line
Inductance
Loss
Loss
Longitudinal
Part
Rate
Turns Ratio
Line Side (5) @ Mid Band
@ 40kHz
Balance (8)
THD (6)
Number
Kb/s
Line-Chip
mH Min.
dB Min.
dB Max.
dB Min.
dB Max.
Fig.
Sch.
HT81-00552 (4)
2320
1:1:1
1.0
≥16.5
1.0
55
-70
2 or 3
2
80-580kHz
40-320kHz
HT81-00553 (4)
1552
2.3:1
1.6
≥16.5
1.0
55
-70
3
5
20-560kHz
20-320kHz
HT81-00628 (9)
272
1:1:1 ct
8.0
≥15
1.0
65
-70
1
3
9-40kHz
40-320kHz
HT81-00629 (9)
416
1:1:1 ct
5.0
≥16.5
1.0
65
-70
1
3
20-80kHz
40-320kHz
HT81-00630 (9)
528
1:1:1 ct
3.5
≥16.5
1.0
65
-70
1
3
33-110kHz
40-320kHz
HT81-00631 (4)
1808
2.3:1
1.3
≥16.5
1.0
55
-65
2 or 3
2
80-580kHz
40-320kHz
HT81-00632 (4)
2064
2.3:1
1.1
≥16.5
1.0
55
-65
2 or 3
2
80-580kHz
40-320kHz
HT81-00633 (4)
2320
2.3:1
1.0
≥15.5
1.0
55
-70
2 or 3
2
80-580kHz
40-320kHz
HT81-99628 (1)
784
1.8 ct:1 ct
2.8
≥20
1.0
50
-75
1
1
40-200kHz
5-196kHz
HT81-99647 (2)
784
1:1:1 ct
3.0
≥20
1.0
55
-70
1
2
40-200kHz
40-320kHz
HT81-99648 (3)
1168
1:1:2 ct
2.0
≥16.5
1.0
55
-75
1
3
40-320kHz
40-320kHz
HT81-99649 (3)
784
1:1:2 ct
3.0
≥20
1.0
50
-75
1
3
40-200kHz
5-196kHz
HT81-99650 (4)
1168
1:1:1 ct
2.0
≥16.5
1.0
55
-70
1
2
40-320kHz
40-320kHz
HT81-99651 (1)
1168
1.8 ct:1 ct
2.06
≥16.5
1.0
50
-70
1
4
40-320kHz
40-320kHz
HT81-99709 (2)
1168
1:1:1 ct
2.0
≥12
1.0
55
-70
1
3
40-320kHz
40-320kHz
HT81-99710 (4)
1552
2.3:1 ct
2.0
≥16.5
1.0
65
-70
1
3
40-320kHz
40-320kHz
HT81-99711 (4)
1168
3:1 ct
2.0
≥12
1.0
65
-70
1
2
40-320kHz
40-320kHz
HT81-99721 (2)
784
1:1:1
3.0
≥16.5
1.0
55
-70
2 or 3
2
40-320kHz
40-320kHz
HT81-99722 (4)
1168
1:1:1
2.0
≥16.5
1.0
55
-70
2 or 3
2
40-320kHz
40-320kHz
HT81-99723 (4)
1168
2.3:1
2.0
≥16.5
1.0
55
-70
2 or 3
2
40-320kHz
40-320kHz
HT81-99724 (1)
784
1.8:1 ct
3.0
≥16.5
1.0
50
-70
2 or 3
2
40-320kHz
40-320kHz
ELECTRICAL @ 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com