Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM22-DIN Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # WM22-DIN
Description  Energy Management Power Analyzer with plug-in Output Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM22-DIN Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button WM22-DIN Datasheet HTML 2Page - List of Unclassifed Manufacturers WM22-DIN Datasheet HTML 3Page - List of Unclassifed Manufacturers WM22-DIN Datasheet HTML 4Page - List of Unclassifed Manufacturers WM22-DIN Datasheet HTML 5Page - List of Unclassifed Manufacturers WM22-DIN Datasheet HTML 6Page - List of Unclassifed Manufacturers WM22-DIN Datasheet HTML 7Page - List of Unclassifed Manufacturers WM22-DIN Datasheet HTML 8Page - List of Unclassifed Manufacturers WM22-DIN Datasheet HTML 9Page - List of Unclassifed Manufacturers WM22-DIN Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Specifications are subject to change without notice
WM22-DINDS1003
9
Keys for:
- value programming;
- function selection;
- displaying the measuring pages.
2. Display
LCD with alphanumeric indications to:
- display configuration parameters;
- display all the measured variables.
3. Removable label
Label to write the instrument ID number.
4. Hidden dip-switch
Enable/ disable the access to the
programming procedure.
Front panel description
1
1. Key-pad
To program configuration parameters and to display variables.
S-key to enter programming and confirm selections;
2
Wiring diagrams (optional modules)
Only open collector outputs: the grounds of the outputs are separated, and therefore it’s possible to carry out, for the same
module, two different connections. The load resistance (Rc) must be designed so that the closed contact current is lower than
100mA; the VDC voltage must be lower than or equal to 30V. VDC: power supply voltage output. Vo+: positive output contact
(open collector transistor). GND: ground output contact (open collector transistor).
Current and voltage
4-wire connection
2-wire connection
Open collector output
Fig.10
Analogue output
Fig. 12
RS485 Serial output
Fig. 13
RS485 Serial output
Fig. 14
3
WM22-DIN
VDC max 30V
4
Relay + open collector output Fig. 11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com